Electronic Components Datasheet Search
  English  ▼

X  

STW72N60DM6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW72N60DM6AG
Description  Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW72N60DM6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STW72N60DM6AG Datasheet HTML 1Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 2Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 3Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 4Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 5Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 6Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 7Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 8Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG110520211403SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1 µs
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
V(BR)DSS
single pulse
TJ≤150°C
TC=25°C
VGS=10V
RDS(on) max.
IDM
Figure 2. Maximum transient thermal impedance
GADG110520211404ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
0.1
0.05
0.3
0.2
0.4
Single pulse
ton
T
duty = ton / T
RthJC = 0.32 °C/W
ZthJC
(°C/W)
Figure 3. Typical output characteristics
GADG110520211405OCH
200
160
120
80
40
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 9, 10 V
8 V
7 V
6 V
Figure 4. Typical transfer characteristics
GADG110520211405TCH
200
160
120
80
40
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20V
Figure 5. Typical gate charge characteristics
GADG110520211406QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
20
40
60
80
100 120
VGS
(V)
VDS
(V)
Qg (nC)
Qgs
VDS
VGS
Qg
VDD = 480 V
ID = 56 A
Qgd
Figure 6. Typical drain-source on-resistance
GADG110520211406RID
38
37
36
35
0
10
20
30
40
50
RDS(on)
(mΩ)
ID (A)
VGS =10 V
STW72N60DM6AG
Electrical characteristics (curves)
DS13001 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com