Electronic Components Datasheet Search
  English  ▼

X  

AP7351D Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP7351D
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7351D Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP7351D Datasheet HTML 10Page - Diodes Incorporated AP7351D Datasheet HTML 11Page - Diodes Incorporated AP7351D Datasheet HTML 12Page - Diodes Incorporated AP7351D Datasheet HTML 13Page - Diodes Incorporated AP7351D Datasheet HTML 14Page - Diodes Incorporated AP7351D Datasheet HTML 15Page - Diodes Incorporated AP7351D Datasheet HTML 16Page - Diodes Incorporated AP7351D Datasheet HTML 17Page - Diodes Incorporated AP7351D Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP7351D
Document number: DS42111 Rev. 4 - 2
16 of 18
www.diodes.com
24 November 2020
© Diodes Incorporated
AP7351D
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: X2-DFN1010-4 (Type B)
(2) Package Type: SOT25
SOT25
Dim Min Max Typ
A
0.35 0.50 0.38
B
1.50 1.70 1.60
C
2.70 3.00 2.80
D
-
-
0.95
H
2.90 3.10 3.00
J
0.013 0.10 0.05
K
1.00 1.30 1.10
L
0.35 0.55 0.40
M
0.10 0.20 0.15
N
0.70 0.80 0.75
α
0°
8°
-
All Dimensions in mm
X2-DFN1010-4 (Type B)
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0.00
0.05
0.02
A3
-
-
0.13
b
0.20
0.30
0.25
D
0.95
1.05
1.00
D2
0.43
0.53
0.48
E
0.95
1.05
1.00
E2
0.43
0.53
0.48
e
-
-
0.65
k
0.19
0.29
0.24
L
0.20
0.30
0.25
L1
0.02
0.12
0.07
R
0.02
0.08
0.05
z
-
-
0.050
All Dimensions in mm
A
A1
A3
Seating Plane
D
E
z( 4x)
b( 4x)
e
L( 4x)
L1( 4x)
E2
D2
Pin #1 ID
R
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com