Electronic Components Datasheet Search
  English  ▼

X  

AP7351D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7351D
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7351D Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7351D Datasheet HTML 1Page - Diodes Incorporated AP7351D Datasheet HTML 2Page - Diodes Incorporated AP7351D Datasheet HTML 3Page - Diodes Incorporated AP7351D Datasheet HTML 4Page - Diodes Incorporated AP7351D Datasheet HTML 5Page - Diodes Incorporated AP7351D Datasheet HTML 6Page - Diodes Incorporated AP7351D Datasheet HTML 7Page - Diodes Incorporated AP7351D Datasheet HTML 8Page - Diodes Incorporated AP7351D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP7351D
Document number: DS42111 Rev. 4 - 2
2 of 18
www.diodes.com
24 November 2020
© Diodes Incorporated
AP7351D
Pin Descriptions
Pin Number
Pin Name
Function
X2-DFN1010-4
(Type B)
SOT25
1
5
VOUT
Output Voltage Pin
2
2
GND
Ground
3
3
EN
Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables the regulator, while pulling it low puts the regulator into shutdown mode
4
1
VIN
Power Input Pin
—
4
NC
No connection for fixed VOUT versions.
EP
—
Exposed Pad
In PCB layout, prefer to use large copper area to cover this pad for better thermal dissipation,
then connect this area to GND or leave it open. However, do not use it as GND electrode
function alone
Functional Block Diagram
VIN
EN
GND
VOUT
Current Limit
VREF
-
+
AP7351D (With Discharge)
Absolute Maximum Ratings (Note 5)
Note:
5. Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect
device reliability.
Recommended Operating Conditions
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Mode ESD Protection
> 2
kV
ESD CDM
Charge Device Model
±500
V
VIN
Input Voltage
6.0
V
VEN
Input Voltage for EN Pin
6.0
V
VOUT
Output Voltage
-0.3 to VIN + 0.3
V
PD
Power Dissipation
400
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TJ
Operating Junction Temperature
+125
°C
TSTG
Storage Temperature
-55 to +125
°C
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.4
5.5
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com