Electronic Components Datasheet Search
  English  ▼

X  

AP7351D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7351D
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7351D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7351D Datasheet HTML 1Page - Diodes Incorporated AP7351D Datasheet HTML 2Page - Diodes Incorporated AP7351D Datasheet HTML 3Page - Diodes Incorporated AP7351D Datasheet HTML 4Page - Diodes Incorporated AP7351D Datasheet HTML 5Page - Diodes Incorporated AP7351D Datasheet HTML 6Page - Diodes Incorporated AP7351D Datasheet HTML 7Page - Diodes Incorporated AP7351D Datasheet HTML 8Page - Diodes Incorporated AP7351D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP7351D
Document number: DS42111 Rev. 4 - 2
3 of 18
www.diodes.com
24 November 2020
© Diodes Incorporated
AP7351D
Electrical Characteristics (@ TA = +25°C, VEN = VIN = VOUT+1V (1.5V < VOUT≤ 4.5V), VEN = VIN = 2.5V (VOUT ≤ 1.5V), IOUT = 1mA,
CIN = COUT = 0.1µF, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
1.4
—
5.5
V
Output Voltage Accuracy
VOUT > 2.0V
IOUT = 5mA
TA = +25°C
-1
—
+1
%
TA = -40°C to +85°C
-2
—
+2
VOUT ≤ 2.0V
IOUT = 5mA
TA = +25°C
-40
—
40
mV
TA = -40°C to +85°C
-80
—
80
Line Regulation (∆VOUT/∆VIN/VOUT)
MAX (VOUT + 1.0V, 2.5V) ≤ VIN ≤ 5.5V
(All Versions Except 4.5V)
—
0.05
0.2
%/V
Load Regulation (∆VOUT/∆IOUT)
1mA ≤ IOUT ≤ 150mA (all versions except 4.5V)
—
30
—
mV
1mA ≤ IOUT ≤ 150mA (applicable to 4.5V version)
—
45
—
mV
Short Circuit Current Limit (Note 6)
VOUT = 0V
—
60
—
mA
Quiescent Current (Note 7)
IOUT = 0mA
—
0.5
1
µA
Standby Current (ISTANDBY)
Set EN low, No load
—
0.02
0.2
µA
Output Current
—
150
—
—
mA
PSRR
VOUT = 3.3V, IOUT = 20mA, f = 1kHz
—
60
—
dB
Dropout Voltage (Note 8)
IOUT = 150mA
VOUT = 0.8V
—
0.9
1.4
V
VOUT = 0.9V
0.9
1.35
VOUT = 1.0V
0.8
1.20
VOUT = 1.2V
—
0.60
0.90
VOUT = 1.5V
—
0.43
0.75
VOUT = 1.8V
—
0.33
0.60
VOUT = 1.85V
—
0.32
0.58
VOUT = 2.5V
—
0.22
0.48
VOUT = 2.7V
—
0.2
0.45
VOUT = 2.8V
—
0.19
0.40
VOUT = 3.0V
—
0.18
0.35
VOUT = 3.3V
—
0.16
0.35
VOUT = 4.5V
—
0.14
0.35
Thermal Resistance Junction to
Ambient (θJA)
X2-DFN1010-4 (Type B)
—
237
—
°C/W
SOT25
—
179
—
EN Input Low Voltage
—
—
—
0.4
V
EN Input High Voltage
—
1.0
—
5.5
V
Active Output Discharge Resistance
VIN = 4.0V, VEN = 0V
—
35
—
Ω
Thermal Shutdown Threshold
(TSHDN)
—
—
+160
—
°C
Thermal Shutdown Hysteresis (THYS) —
—
+20
—
°C
Notes:
6. Short circuit current is measured with VOUT pulled to GND.
7. Quiescent current defined here is the difference in current between the input and the output.
8. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com