Electronic Components Datasheet Search
  English  ▼

X  

AP7383 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7383
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7383 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7383 Datasheet HTML 4Page - Diodes Incorporated AP7383 Datasheet HTML 5Page - Diodes Incorporated AP7383 Datasheet HTML 6Page - Diodes Incorporated AP7383 Datasheet HTML 7Page - Diodes Incorporated AP7383 Datasheet HTML 8Page - Diodes Incorporated AP7383 Datasheet HTML 9Page - Diodes Incorporated AP7383 Datasheet HTML 10Page - Diodes Incorporated AP7383 Datasheet HTML 11Page - Diodes Incorporated AP7383 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP7383
Document number: DS40699 Rev. 6 - 2
8 of 13
www.diodes.com
August 2020
© Diodes Incorporated
AP7383
Marking Information
(1)
SOT25
1
2
3
5
4
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
XXX
Y W X
Part Number
Package
Identification Code
AP7383-18W5-7
SOT25
F3A
AP7383-30W5-7
SOT25
F3B
AP7383-33W5-7
SOT25
F3C
AP7383-36W5-7
SOT25
F3D
AP7383-41W5-7
SOT25
F3E
AP7383-44W5-7
SOT25
F3F
AP7383-50W5-7
SOT25
F3G
AP7383-18WR-7
SOT25
F3H
AP7383-30WR-7
SOT25
F3J
AP7383-33WR-7
SOT25
F3K
AP7383-345WR-7
SOT25
F3Z
AP7383-36WR-7
SOT25
F3M
AP7383-41WR-7
SOT25
F3N
AP7383-44WR-7
SOT25
F3P
AP7383-50WR-7
SOT25
F3R
AP7383-18WW-7
SOT25
F3S
AP7383-30WW-7
SOT25
F3T
AP7383-33WW-7
SOT25
F3U
AP7383-36WW-7
SOT25
F3V
AP7383-41WW-7
SOT25
F3W
AP7383-44WW-7
SOT25
F3X
AP7383-50WW-7
SOT25
F3Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com