Electronic Components Datasheet Search
  English  ▼

X  

AP7383 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7383
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7383 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7383 Datasheet HTML 1Page - Diodes Incorporated AP7383 Datasheet HTML 2Page - Diodes Incorporated AP7383 Datasheet HTML 3Page - Diodes Incorporated AP7383 Datasheet HTML 4Page - Diodes Incorporated AP7383 Datasheet HTML 5Page - Diodes Incorporated AP7383 Datasheet HTML 6Page - Diodes Incorporated AP7383 Datasheet HTML 7Page - Diodes Incorporated AP7383 Datasheet HTML 8Page - Diodes Incorporated AP7383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP7383
Document number: DS40699 Rev. 6 - 2
3 of 13
www.diodes.com
August 2020
© Diodes Incorporated
AP7383
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
33
V
VEN
Enable Input Voltage
33
V
IOUT
Output Current
200
mA
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
TJ
Operating Junction Temperature
+150
°C
PD
Power Dissipation
SOT25 (W5/WW Package)
518
mW
SOT25 (WR Package)
602
SOT89
847
U-DFN2020-6 (Type C)
658
ϴJA
Thermal Resistance (Junction to Ambient)
SOT25 (W5/WW Package)
193
°C/W
SOT25 (WR Package)
166
SOT89
118
U-DFN2020-6 (Type C)
152
ϴJC
Thermal Resistance (Junction to Case)
SOT25 (W5/WW Package)
68
°C/W
SOT25 (WR Package)
26
SOT89
20
U-DFN2020-6 (Type C)
58
TSTG
Storage Temperature Range
-65 to +150
°C
—
ESD (Machine Model)
250
V
—
ESD (Human Body Model)
2500
V
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data is a 2inch × 2inch multi-layer board with
1oz internal power and ground planes and 2oz copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
3.5
30
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com