Electronic Components Datasheet Search
  English  ▼

X  

AP7383 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7383
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7383 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7383 Datasheet HTML 1Page - Diodes Incorporated AP7383 Datasheet HTML 2Page - Diodes Incorporated AP7383 Datasheet HTML 3Page - Diodes Incorporated AP7383 Datasheet HTML 4Page - Diodes Incorporated AP7383 Datasheet HTML 5Page - Diodes Incorporated AP7383 Datasheet HTML 6Page - Diodes Incorporated AP7383 Datasheet HTML 7Page - Diodes Incorporated AP7383 Datasheet HTML 8Page - Diodes Incorporated AP7383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7383
Document number: DS40699 Rev. 6 - 2
2 of 13
www.diodes.com
August 2020
© Diodes Incorporated
AP7383
Typical Applications Circuit
VIN
GND
VOUT
COUT
1µF
VOUT
VIN
AP7383
CIN
1µF
SOT89 / SOT25 (WR/WW Package) / U-DFN2020-6 (Type C)
VIN
GND
VOUT
COUT
1µF
VOUT
AP7383
CIN
1µF
EN
SOT25 (W5 Package)
Pin Descriptions
Pin Number
Pin
Name
Function
SOT25
(W5 Package)
SOT25
(WR Package)
SOT25
(WW Package)
SOT89
U-DFN2020-6
(Type C)
1
2
1
2
6
VIN
Input Voltage
2
1
2
1
3
GND
Ground
3
—
—
—
—
EN
Enable Input
4
4, 5
3, 4
—
2, 4, 5
NC
- Not connected for fixed version.
- Not connected internally, recommend
connection to GND to maximize PCB
copper for thermal dissipation.
5
3
5
3
1
VOUT
Regulated Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com