Electronic Components Datasheet Search
  English  ▼

X  

271 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 271
Description  Rectangular Case, High-Current and High-Voltage Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

271 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  271 Datasheet HTML 1Page - Cornell Dubilier Electronics 271 Datasheet HTML 2Page - Cornell Dubilier Electronics 271 Datasheet HTML 3Page - Cornell Dubilier Electronics 271 Datasheet HTML 4Page - Cornell Dubilier Electronics 271 Datasheet HTML 5Page - Cornell Dubilier Electronics 271 Datasheet HTML 6Page - Cornell Dubilier Electronics 271 Datasheet HTML 7Page - Cornell Dubilier Electronics 271 Datasheet HTML 8Page - Cornell Dubilier Electronics 271 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
High-Voltage Types Application Guide, Transmitting Mica
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
(pF)
Part Number
(A)
(A)
(A)
(A)
(pF)
Part Number
(A)
(A)
(A)
(A)
3000 Peak Volts
500 Peak Volts
100
27130B101JO0
1..8
0.75
.33
.10
82000
27205B823JO0
15.0
18.0
15.0
8.2
110
27130B111JO0
1.8
0.8
0.4
0.1
91000
27205B913JO0
15.0
18.0
15.0
8.2
120
27130B121JO0
2.0
0.9
0.4
0.2
100000
27205B104JO0
15.0
18.0
15.0
8.2
130
27130B131JO0
2.0
0.9
0.4
0.2
200000
27205B204JO0
15.0
18.0
15.0
8.2
150
27130B151JO0
2.2
1.0
0.5
0.2
1000 Peak Volts
160
27130B161JO0
2.2
1.1
0.5
0.2
56000
27210B563JO0
15.0
16.0
15.0
8.2
180
27130B181JO0
2.4
1.1
0.6
0.2
62000
27210B623JO0
15.0
18.0
15.0
8.2
200
27130B201JO0
2.4
1.2
0.6
0.2
68000
27210B683JO0
15.0
18.0
15.0
8.2
220
27130B221JO0
2.7
1.3
0.6
0.3
75000
27215B333JO0
15.0
18.0
15.0
8.2
240
27130B241JO0
2.7
1.3
0.7
0.3
1500 Peak Volts
250
27130B251JO0
2.7
1.3
0.7
0.3
24000
27215B243JO0
13.0
15.0
12.0
6.8
270
27130B271JO0
3.1
1.5
0.8
0.3
27000
27215B273JO0
13.0
15.0
12.0
6.8
300
27130B301JO0
3.0
1.5
0.8
0.4
30000
27215B303JO0
13.0
15.0
12.0
6.8
330
27130B331JO0
3.0
1.6
0.8
0.4
33000
27215B333JO0
13.0
15.0
13.0
7.5
360
27130B361JO0
3.3
1.6
0.9
0.4
36000
27215B363JO0
13.0
16.0
13.0
7.5
390
27130B391JO0
3.3
1.8
0.9
0.4
39000
27215B393JO0
15.0
16.0
13.0
7.5
430
27130B431JO0
3.6
1.8
1.0
0.5
43000
27215B433JO0
15.0
16.0
13.0
7.5
470
27130B471JO0
3.6
2.0
1.1
0.5
47000
27215B473JO0
15.0
16.0
13.0
7.5
500
27130B501JO0
3.6
2.0
1.1
0.5
50000
27215B503JO0
15.0
16.0
15.0
7.5
510
27130B511JO0
3.6
2.0
1.1
0.5
51000
27215B513JO0
15.0
16.0
15.0
7.5
560
27130B561JO0
3.9
2.2
1.2
0.5
2000 Peak Volts
620
27130B621JO0
3.9
2.4
1.2
0.6
8200
27220B822JO0
10.0
10.0
7.5
3.9
680
27130B681JO0
4.3
2.4
1.3
0.6
9100
27220B912JO0
11.0
10.0
8.2
4.3
750
27130B751JO0
4.3
2.7
1.3
0.6
10000
27220B103JO0
11.0
11.0
8.2
4.3
820
27130B821JO0
4.3
2.7
1.5
0.7
11000
27220B113JO0
11.0
11.0
8.2
4.7
910
27130B911JO0
4.7
3.0
1.5
0.7
12000
27220B123JO0
11.0
11.0
9.1
4.7
1000
27130B102JO0
4.7
3.0
1.6
0.8
13000
27220B133JO0
12.0
12.0
9.1
5.1
1100
27130B112JO0
5.1
3.3
1.6
0.8
15000
27220B153JO0
12.0
12.0
10.0
5.1
1200
27130B122JO0
5.1
3.3
1.8
0.8
16000
27220B163JO0
12.0
12.0
10.0
5.6
1300
27130B132JO0
5.6
3.6
1.8
0.9
18000
27220B183JO0
12.0
13.0
10.0
5.6
1500
27130B152JO0
5.6
3.9
2.0
0.9
20000
27220B203JO0
13.0
13.0
11.0
6.2
1600
27130B162JO0
5.6
3.9
2.0
1.0
22000
27220B223JO0
13.0
13.0
11.0
6.2
1800
27130B182JO0
6.2
4.3
2.2
1.1
3000 Peak Volts
2000
27130B202JO0
6.2
4.3
2.4
1.1
2700
27230B272JO0
8.2
6.8
4.3
2.2
2200
27130B222JO0
6.8
4.7
2.4
1.2
3000
27230B302JO0
8.2
6.8
4.7
2.2
Type 272 Ratings
3300
27230B332JO0
8.2
6.8
4.7
2.4
Maximum AC Current at 65 ºC
3600
27230B362JO0
8.2
7.5
5.1
2.4
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
3900
27230B392JO0
9.1
7.5
5.6
2.7
(pF)
Part Number
(A)
(A)
(A)
(A)
4300
27230B432JO0
9.1
7.5
5.6
2.7
250 Peak Volts
4700
27230B472JO0
9.1
8.2
6.2
3.0
250000
27202B254J00
15.0
18.0
15.0
8.2
5000
27230B502JO0
9.1
8.2
6.2
3.0
Type 271 Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com