Electronic Components Datasheet Search
  English  ▼

X  

271 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 271
Description  Rectangular Case, High-Current and High-Voltage Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

271 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  271 Datasheet HTML 1Page - Cornell Dubilier Electronics 271 Datasheet HTML 2Page - Cornell Dubilier Electronics 271 Datasheet HTML 3Page - Cornell Dubilier Electronics 271 Datasheet HTML 4Page - Cornell Dubilier Electronics 271 Datasheet HTML 5Page - Cornell Dubilier Electronics 271 Datasheet HTML 6Page - Cornell Dubilier Electronics 271 Datasheet HTML 7Page - Cornell Dubilier Electronics 271 Datasheet HTML 8Page - Cornell Dubilier Electronics 271 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
High-Voltage Types Application Guide, Transmitting Mica
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
(pF)
Part Number
(A)
(A)
(A)
(A)
(pF)
Part Number
(A)
(A)
(A)
(A)
3000 Peak Volts
5000 Peak Volts
5100
27230B512JO0
9.1
8.2
6.2
3.0
820
27250B821JO0
5.6
3.9
2.4
1.0
5600
27230B562JO0
9.1
9.1
6.2
3.3
910
27250B911JO0
5.6
4.3
2.4
1.1
6000
27230B602JO0
10.0
9.1
6.8
3.6
1000
27250B102JO0
6.2
4.3
2.4
1.2
6200
27230B622JO0
10.0
9.1
6.8
3.6
1100
27250B112JO0
6.2
4.7
2.7
1.2
6800
27230B682JO0
10.0
9.1
6.8
3.6
1200
27250B122JO0
6.2
4.7
2.7
1.3
7500
27230B752JO0
10.0
9.1
6.8
3.9
1300
27250B132JO0
6.8
5.1
3.0
1.3
5000 Peak Volts
1500
27250B152JO0
6.8
5.1
3.3
1.5
47
27250B470JO0
1.5
0.6
0.2
0.1
1600
27250B162JO0
6.8
5.6
3.6
1.5
51
27250B510JO0
1.6
0.7
0.2
0.1
1800
27250B182JO0
7.5
5.6
3.6
1.6
56
27250B560JO0
1.8
0.8
0.3
0.1
2000
27250B202JO0
7.5
6.2
3.6
1.8
62
27250B620JO0
1.8
0.8
0.3
0.1
2200
27250B222JO0
7.5
6.2
3.9
2.0
68
27250B680JO0
2.0
0.9
0.3
0.1
2400
27250B242JO0
8.2
6.2
4.3
2.0
75
27250B750JO0
2.0
1.0
0.4
0.1
40000 Peak Volts
82
27250B820JO0
2.2
1.1
0.4
0.1
1100
272400B112JO0
15.5
12.7
8.0
4.7
91
27250B910JO0
2.4
1.2
0.4
0.1
1300
272400B132JO0
18.7
15.5
9.8
5.9
100
27250B101JO0
2.4
1.2
0.4
0.1
1500
272400B152JO0
19.4
16.4
10.5
6.3
110
27250B111JO0
2.7
1.3
0.5
0.2
50000 Peak Volts
120
27250B121JO0
2.7
1.5
0.6
0.2
900
272500B901JO0
16.4
13.1
8.2
4.9
130
27250B131JO0
3.0
1.6
0.6
0.2
1000
272500B102JO0
16.6
13.5
8.6
5.1
150
27250B151JO0
3.3
1.8
0.7
0.2
1200
272500B122JO0
18.1
14.9
9.4
5.6
160
27250B161JO0
3.3
1.8
0.8
0.3
60000 Peak Volts
180
27250B181JO0
3.3
2.0
0.8
0.3
800
272600B801JO0
16.0
12.5
7.7
4.6
200
27250B201JO0
3.6
2.0
0.8
0.3
900
272600B901JO0
16.4
13.1
8.2
4.9
220
27250B221JO0
3.6
2.2
0.9
0.4
1000
272600B102JO0
16.3
13.3
8.5
5.1
240
27250B241JO0
3.6
2.4
1.0
0.4
250
27250B251JO0
3.6
2.4
1.0
0.4
400 Peak Volts
270
27250B271JO0
3.9
2.4
1.1
0.5
1000000 27304B204J00
18.0
25.0
22.0
12.0
300
27250B301JO0
3.9
2.7
1.1
0.5
600 Peak Volts
330
27250B331JO0
4.3
2.7
1.2
0.5
200000
27306B204JO0
18.0
25.0
22.0
12.0
360
27250B361JO0
4.3
2.7
1.3
0.6
250000
27306B254JO0
18.0
25.0
22.0
12.0
390
27250B391JO0
4.3
2.7
1.3
0.6
300000
27306B304JO0
18.0
25.0
22.0
12.0
430
27250B431JO0
4.7
3.0
1.5
0.7
400000
27306B404JO0
18.0
25.0
22.0
12.0
470
27250B471JO0
4.7
3.3
1.5
0.7
500000
27306B504JO0
18.0
25.0
22.0
12.0
500
27250B501JO0
4.7
3.3
1.6
0.8
600000
27306B604JO0
18.0
25.0
22.0
12.0
510
27250B511JO0
4.7
3.3
1.6
0.8
750000
27306B754JO0
18.0
25.0
22.0
12.0
560
27250B561JO0
5.1
3.6
1.8
0.8
2000 Peak Volts
600
27250B601JO0
5.1
3.6
1.8
0.8
100000
27320B104J00
18.0
23.0
18.0
10.5
620
27250B621JO0
5.1
3.6
1.8
0.8
4000 Peak Volts
680
27250B681JO0
2.1
3.6
1.8
0.8
25000
27340B253JO0
18.0
24.0
19.0
11.5
750
27250B751JO0
5.6
3.9
2.2
0.9
30000
27340B303JO0
18.0
24.0
19.0
11.5
Type 272 Ratings
Type 273 Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com