Electronic Components Datasheet Search
  English  ▼

X  

271 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 271
Description  Rectangular Case, High-Current and High-Voltage Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

271 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 271 Datasheet HTML 2Page - Cornell Dubilier Electronics 271 Datasheet HTML 3Page - Cornell Dubilier Electronics 271 Datasheet HTML 4Page - Cornell Dubilier Electronics 271 Datasheet HTML 5Page - Cornell Dubilier Electronics 271 Datasheet HTML 6Page - Cornell Dubilier Electronics 271 Datasheet HTML 7Page - Cornell Dubilier Electronics 271 Datasheet HTML 8Page - Cornell Dubilier Electronics 271 Datasheet HTML 9Page - Cornell Dubilier Electronics 271 Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ordering Information: Order by complete part number, as below. For other options, write your requirements on your quote request
or purchase order.
Cast-Case Part Numbering System
Ordering Information
271,
272,
273
30
B
470
J
O
0
CDE
Rated Peak Capac
CapacCapacitance
Capacitance
Temperature Range
Mounting Style
Type
Voltage
Tolerance
O = –55 °C to +125 °C 0 = No mounting plate
10 = 1000
30 = 3000
250 = 25000
600 = 60000
470 = 47 pF
361 = 360 pF
122 = 1200 pF
G = ±2%
J = ±5%
1 = Mounting plate
on bottom only
2 = Mounting plates
on top and bottom
Characteristic
High-Voltage Types Ordering Information, Mica Capacitors
Temp. Coeff.
ppm/°C
Capacitance Drift
Standard
Cap.
Range
B
Not specified
Not specified
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com