Electronic Components Datasheet Search
  English  ▼

X  

293 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 293
Description  Cylindrical Case, High-Current and High-Voltage Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

293 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  293 Datasheet HTML 1Page - Cornell Dubilier Electronics 293 Datasheet HTML 2Page - Cornell Dubilier Electronics 293 Datasheet HTML 3Page - Cornell Dubilier Electronics 293 Datasheet HTML 4Page - Cornell Dubilier Electronics 293 Datasheet HTML 5Page - Cornell Dubilier Electronics 293 Datasheet HTML 6Page - Cornell Dubilier Electronics 293 Datasheet HTML 7Page - Cornell Dubilier Electronics 293 Datasheet HTML 8Page - Cornell Dubilier Electronics 293 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cylindrical Types, High-Voltage Mica Capacitors
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Types 292 and 293 Ratings
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
8,000 Peak Volts
1100
292100B112JO0
13
10
6.2
2.7
2200
29280B222JO0
18
13
9.1
3.9
1200
292100B122JO0
15
11
6.8
2.7
2400
29280B242JO0
18
15
10
4.3
1300
292100B132JO0
15
11
6.8
2.7
2700
29280B272JO0
18
15
10
4.3
1500
292100B152JO0
15
12
7.5
3.0
3000
29280B302JO0
18
16
10
4.7
1600
292100B162JO0
16
12
7.5
3.3
3300
29280B332JO0
20
16
11
4.7
1800
292100B182JO0
16
13
8.2
3.6
3600
29280B362JO0
20
18
11
5.1
2000
292100B202JO0
16
13
8.2
3.6
3900
29280B392JO0
20
18
12
5.6
Type 293
4000
29280B402JO0
20
18
12
5.6
Maximum AC Current at 65 ºC
Case
Height
(in)
4300
29280B432JO0
20
18
12
5.6
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
10,000 Peak Volts
2,000 Peak Volts
47
292100B470JO0
2.7
2
0.9
0.3
75000
29320B753JO0
24
51
39
24
2.50
51
292100B510JO0
2.7
2
1
0.3
82000
29320B823JO0
24
51
39
24
2.50
56
292100B560JO0
3
2.2
1
0.3
91000
29320B913JO0
24
51
39
24
2.75
62
292100B620JO0
3.3
2.2
1.1
0.3
100000
29320B104JO0
24
51
39
24
2.75
68
292100B680JO0
3.3
2.4
1.2
0.3
3,000 Peak Volts
75
292100B750JO0
3.6
2.4
1.2
0.4
27000
29330B273JO0
24
51
33
18
2.50
82
292100B820JO0
3.6
2.7
1.3
0.4
30000
29330B303JO0
24
51
33
20
2.50
91
292100B910JO0
3.9
2.7
1.5
0.4
33000
29330B333JO0
24
51
33
20
2.50
100
292100B101JO0
4.3
3
1.5
0.5
36000
29330B363JO0
24
51
36
22
2.50
110
292100B111JO0
4.3
3
1.6
0.5
39000
29330B393JO0
24
51
36
22
2.50
120
292100B121JO0
4.7
3.3
1.6
0.6
43000
29330B433JO0
24
51
36
22
2.50
130
292100B131JO0
4.7
3.6
1.8
0.6
47000
29330B473JO0
24
51
36
22
2.50
150
292100B151JO0
5.1
3.6
1.8
0.6
51000
29330B513JO0
24
51
36
24
2.75
160
292100B161JO0
5.1
3.9
2
0.8
56000
29330B563JO0
24
51
36
24
2.75
180
292100B181JO0
5.6
4.3
2.2
0.8
62000
29330B623JO0
24
51
39
24
3.00
200
292100B201JO0
6.2
4.3
2.4
0.8
68000
29330B683JO0
24
51
39
24
3.00
220
292100B221JO0
6.2
4.7
2.4
0.9
5,000 Peak Volts
240
292100B241JO0
6.8
5.1
2.7
1.0
12000
29350B123JO0
24
43
27
13
2.50
250
292100B251JO0
6.8
5.1
2.7
1.0
13000
29350B133JO0
24
43
27
13
2.50
270
292100B271JO0
6.8
5.1
2.7
1.0
15000
29350B153JO0
24
43
27
15
2.50
300
292100B301JO0
7.5
5.6
3
1.1
16000
29350B163JO0
24
47
30
15
2.50
330
292100B331JO0
7.5
5.6
3
1.2
18000
29350B183JO0
24
47
30
16
2.75
360
292100B361JO0
8.2
6.2
3.6
1.2
20000
29350B203JO0
24
47
30
18
2.75
390
292100B391JO0
8.2
6.2
3.6
1.3
22000
29350B223JO0
24
47
30
18
3.00
430
292100B431JO0
9.1
6.2
3.6
1.3
24000
29350B243JO0
24
51
33
18
3.25
470
292100B471JO0
9.1
6.8
3.9
1.5
8,000 Peak Volts
500
292100B501JO0
9.1
6.8
3.9
1.6
9100
29380B912JO0
24
39
24
12
3.25
510
292100B511JO0
9.1
6.8
3.9
1.6
10000
29380B103JO0
24
39
24
12
3.25
560
292100B561JO0
10
7.5
4.3
1.6
11000
29380B113JO0
24
39
27
13
3.25
620
292100B621JO0
11
8.2
4.7
1.8
10,000 Peak Volts
680
292100B681JO0
11
8.2
4.7
1.8
4700
293100B472JO0
22
27
18
8.2
2.75
750
292100B751JO0
11
8.2
5.1
2.0
5000
293100B502JO0
24
30
18
9.1
2.75
820
292100B821JO0
12
9.1
5.1
2.2
5100
293100B512JO0
24
30
18
9.1
2.75
910
292100B911JO0
12
9.1
5.6
2.2
5600
293100B562JO0
24
33
20
9.1
3.00
1000
292100B102JO0
12
10
6.2
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com