Electronic Components Datasheet Search
  English  ▼

X  

293 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 293
Description  Cylindrical Case, High-Current and High-Voltage Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

293 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  293 Datasheet HTML 1Page - Cornell Dubilier Electronics 293 Datasheet HTML 2Page - Cornell Dubilier Electronics 293 Datasheet HTML 3Page - Cornell Dubilier Electronics 293 Datasheet HTML 4Page - Cornell Dubilier Electronics 293 Datasheet HTML 5Page - Cornell Dubilier Electronics 293 Datasheet HTML 6Page - Cornell Dubilier Electronics 293 Datasheet HTML 7Page - Cornell Dubilier Electronics 293 Datasheet HTML 8Page - Cornell Dubilier Electronics 293 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cylindrical Types, High-Voltage Mica Capacitors
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Specifications
Capacitance Range:
47 pF to 0.1 µF
Voltage Range: 1 to 30 kVpk
Capacitance Tolerance: ±5% (J)
Temperature Range:
–55 °C to +125 °C
Types 291, 292, 293, 294 — Cylindrical Case, High-Current and High-Voltage Circuits
Designed for frequencies ranging from 100 kHz to 3 MHz,
Mica Capacitor Types 291, 292, 293 and 294 are well suited
for high-current and high-voltage circuits like radio trans-
mitters. Cast in cylindrical cases, these capacitors are elec-
trically equivalent to MIL-C-5 Styles CM75 through CM93
in capacitance and current ratings but are far superior in
environmental capability, temperature range, physical size,
mounting configuration, and reliability.
Highlights
• Cast in Cylindrical Cases
• Highly shock resistant
• Convenient mounting
• Excellent for radio transmission
Type 291 Ratings
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
1,000 Peak Volts
3,000 Peak Volts
75000
29110B753JO0
18
22
22
16
12000
29130B123JO0
18
20
16
9.1
82000
29110B823JO0
18
22
22
16
13000
29130B133JO0
18
20
16
10
91000
29110B913JO0
18
22
22
16
15000
29130B153JO0
18
20
16
10
100000
29110B104JO0
18
22
22
18
16000
29130B163JO0
18
20
16
10
1,500 Peak Volts
4,000 Peak Volts
30000
29115B303JO0
18
22
18
12
5100
29140B512JO0
16
16
12
6.2
33000
29115B333JO0
18
22
20
13
5600
29140B562JO0
16
18
13
6.8
36000
29115B363JO0
18
22
20
13
6000
29140B602JO0
16
18
13
7.5
39000
29115B393JO0
18
22
20
13
6200
29140B622JO0
16
18
13
7.5
43000
29115B433JO0
18
22
22
13
6800
29140B682JO0
16
18
13
7.5
47000
29115B473JO0
18
22
22
15
7500
29140B752JO0
18
18
13
7.5
51000
29115B513JO0
18
22
22
15
8200
29140B822JO0
18
20
15
8.2
56000
29115B563JO0
18
22
22
15
9100
29140B912JO0
18
20
15
8.2
62000
29115B623JO0
18
22
22
16
10000
29140B103JO0
18
20
15
9.1
68000
29115B683JO0
18
22
22
16
11000
29140B113JO0
18
20
15
9.1
2,000 Peak Volts
6,000 Peak Volts
18000
29120B183JO0
18
20
16
11
47
29160B470JO0
2
1.2
0.5
0.2
20000
29120B203JO0
18
22
18
11
50
29160B500JO0
2
1.3
0.6
0.2
22000
29120B223JO0
18
22
18
11
51
29160B510JO0
2
1.3
0.6
0.2
24000
29120B243JO0
18
22
18
12
56
29160B560JO0
2.2
1.3
0.6
0.2
27000
29120B273JO0
18
22
18
12
62
29160B620JO0
2.2
1.5
0.6
0.2


Similar Part No. - 293

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
293 WALTHER-293 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Molex Electronics Ltd.
293-003 MOLEX-293-003 Datasheet
27Kb / 1P
Euromod Modular Outlets - Copper and Fibre
293-088 MOLEX-293-088 Datasheet
27Kb / 1P
Euromod Modular Outlets - Copper and Fibre
logo
Keystone Electronics Co...
29300 KEYSTONE-29300 Datasheet
174Kb / 1P
2.5M PAN HEAD SCREW
11.24.09
29300 KEYSTONE-29300 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 293

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
29110B753JO0 CDE-29110B753JO0 Datasheet
208Kb / 5P
High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
27102B473JO0 CDE-27102B473JO0 Datasheet
116Kb / 2P
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
Multiple Case Sizes - High Voltage ??High Current
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
logo
Cornell Dubilier Electr...
271 CDE-271 Datasheet
3Mb / 10P
Rectangular Case, High-Current and High-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com