Electronic Components Datasheet Search
  English  ▼

X  

293 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 293
Description  Cylindrical Case, High-Current and High-Voltage Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

293 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 293 Datasheet HTML 2Page - Cornell Dubilier Electronics 293 Datasheet HTML 3Page - Cornell Dubilier Electronics 293 Datasheet HTML 4Page - Cornell Dubilier Electronics 293 Datasheet HTML 5Page - Cornell Dubilier Electronics 293 Datasheet HTML 6Page - Cornell Dubilier Electronics 293 Datasheet HTML 7Page - Cornell Dubilier Electronics 293 Datasheet HTML 8Page - Cornell Dubilier Electronics 293 Datasheet HTML 9Page - Cornell Dubilier Electronics 293 Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Cylindrical Types, High-Voltage Mica Capacitors
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Ordering Information: Order by complete part number, as below. For other options,write your require-
ments on your quote request or purchase order.
Cast-Case Part Numbering System
Ordering Information
291
30
B
470
J
O
0
CDE
Rated Peak Capac
CapacCapacitance Capacitance
Temperature Range
Mounting Style
Type
Voltage
Tolerance
O = –55 °C to +125 °C 0 = No mounting plate
10 = 1000
30 = 3000
250 = 25000
470 = 47 pF
361 = 360 pF
122 = 1200 pF
G = ±2%
J = ±5%
1 = Mounting plate
on bottom only
2 = Mounting plates
on top and bottom
Characteristic
Temp. Coeff.
ppm/°C
Capacitance Drift
Standard
Cap.
Range
B
Not specified
Not specified
F2
30
B
470
J
M
Type
Voltage
Tolerance
M = –55 °C to +70 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com