Electronic Components Datasheet Search
  English  ▼

X  

VACR2001 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VACR2001
Description  Aluminum Housed Compact Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VACR2001 Datasheet(HTML) 4 Page - Vishay Siliconix

  VACR2001 Datasheet HTML 1Page - Vishay Siliconix VACR2001 Datasheet HTML 2Page - Vishay Siliconix VACR2001 Datasheet HTML 3Page - Vishay Siliconix VACR2001 Datasheet HTML 4Page - Vishay Siliconix VACR2001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VACR
www.vishay.com
Vishay Draloric
Revision: 08-May-14
4
Document Number: 21035
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
TEMPERATURE
POWER RATING
W
SURFACE TEMPERATURE
at T40 °C
MAX. PERMISSIBLE
OPERATING VOLTAGE
V
SIZE
mm
50 to 100
180
UL 600 V/UL 1000 V
40 x 20
100 to 200
250
EN 1000 V DC
40 x 20
200 to 500
360
EN 1000 V DC
60 x 30
150 to 400
340
UL 600 V/UL 1000 V
60 x 30
130 to 250
230
EN 1000 V DC
60 x 30
100 to 180
210
UL 600 V/UL 1000 V
60 x 30
AMBIENT TEMPERATURE IN °C
- 20
200
180
160
140
120
100
80
60
20
0
0
100
80
60
40
20
120
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com