Electronic Components Datasheet Search
  English  ▼

X  

VACR2001 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VACR2001
Description  Aluminum Housed Compact Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VACR2001 Datasheet(HTML) 1 Page - Vishay Siliconix

  VACR2001 Datasheet HTML 1Page - Vishay Siliconix VACR2001 Datasheet HTML 2Page - Vishay Siliconix VACR2001 Datasheet HTML 3Page - Vishay Siliconix VACR2001 Datasheet HTML 4Page - Vishay Siliconix VACR2001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VACR
www.vishay.com
Vishay Draloric
Revision: 08-May-14
1
Document Number: 21035
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Housed Compact Wirewound Resistor
FEATURES
• Power rating up to 500 W
• High overload capacity
• Protection IP20 or IP65
• Enhanced humidity protection
• Complete housed construction
• Multiple construction for higher power rating
• Heatsink mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Drive controllers
• Railway
• Frequency inverter
• Renewable energy
Notes
• VACR100 and VACR200 as special flat version on request.
(1) Resistance value to be selected from E24 series, other values on request.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
W
P40 °C
RESISTANCE
RANGE (1)
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
± %
PROTECTION
MAX.
PERMISSIBLE
OPERATING
VOLTAGE
VACR0500
50
3.0 to 560
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1000
100
3.0 to 560
50 to 150
10
IP65
EN 1000 V DC
VACR1001
2.7 to 910
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1003
6.2 to 1.2K
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1202
120
4.7 to 1.0K
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1301
130
2.7 to 910
50 to 150
10
IP65
EN 1000 V DC
VACR1501
150
2.7 to 910
50 to 150
10
IP20
UL 600 V/UL 1000 V
VACR1502
4.7 to 1.0K
50 to 150
10
IP65
EN 1000 V DC
VACR1503
6.2 to 1.2K
50 to 150
10
IP65
EN 1000 V DC
VACR1504
6.2 to 1.2K
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1505
9.1 to 1.5K
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR1804
180
6.2 to 1.2K
50 to 150
10
IP65
EN 1000 V DC
VACR1806
8.2 to 1.8K
50 to 150
10
IP65
UL 600 V/UL 1000 V
VACR2001
200
3.3 to 910
50 to 150
10
IP20
EN 1000 V DC
VACR2005
9.1 to 1.5K
50 to 150
10
IP65
EN 1000 V DC
VACR2502
250
4.7 to 1.0K
50 to 150
10
IP20
UL 600 V/UL 1000 V
VACR2506
8.2 to 1.8K
50 to 150
10
IP65
EN 1000 V DC
VACR3002
300
4.7 to 1.0K
50 to 150
10
IP20
EN 1000 V DC
VACR3004
6.2 to 1.2K
50 to 150
10
IP20
UL 600 V/UL 1000 V
VACR4004
400
6.2 to 1.2K
50 to 150
10
IP20
EN 1000 V DC
VACR4006
8.2 to 1.8K
50 to 150
10
IP20
UL 600 V/UL 1000 V
VACR5006
500
8.2 to 1.8K
50 to 150
10
IP20
EN 1000 V DC


Similar Part No. - VACR2001

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
VAC CALIBER-VAC Datasheet
105Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
Cypress Semiconductor
VAC068 CYPRESS-VAC068 Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A-BC CYPRESS-VAC068A-BC Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A-GC CYPRESS-VAC068A-GC Datasheet
190Kb / 6P
VMEbus Address Controller
More results

Similar Description - VACR2001

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
Aluminum Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
Aluminum Housed Wirewound Power
WFH OHMITE-WFH Datasheet
319Kb / 2P
Aluminum Housed Wirewound Power
logo
Riedon Powertron
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com