Electronic Components Datasheet Search
  English  ▼

X  

VACR2001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VACR2001
Description  Aluminum Housed Compact Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VACR2001 Datasheet(HTML) 3 Page - Vishay Siliconix

  VACR2001 Datasheet HTML 1Page - Vishay Siliconix VACR2001 Datasheet HTML 2Page - Vishay Siliconix VACR2001 Datasheet HTML 3Page - Vishay Siliconix VACR2001 Datasheet HTML 4Page - Vishay Siliconix VACR2001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VACR
www.vishay.com
Vishay Draloric
Revision: 08-May-14
3
Document Number: 21035
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• VACR100 and VACR200 as special flat version on request.
(1) Mounting note: The length l1 increases at 0.85 mm/100 mm while heating (mounting with fixed and movable bearing).
DIMENSIONS in millimeters
MODEL
MOUNTING
b1
h1
l1 (1)
l2
MASS
(kg)
VACR0500
H
40
20
160
145
0.26
V
20
40
160
145
VACR1003
H
40
20
240
225
0.26
V
20
40
240
225
VACR1000
H
40
20
160
145
V
20
40
160
145
VACR1001
H
60
30
167
150
V
30
60
167
150
VACR1202
H
60
30
217
200
0.7
V
30
60
217
200
VACR1301
H
60
30
167
150
0.5
V
30
60
167
150
VACR1505
H
40
20
300
285
0.43
V
20
40
300
285
VACR1503
H
40
20
240
225
V
20
40
240
225
VACR1501
H
60
30
167
150
V
30
60
167
150
VACR1502
H
60
30
217
200
V
30
60
217
200
VACR1504
H
60
30
267
250
V
30
60
267
250
VACR1804
H
60
30
267
250
0.9
V
30
60
267
250
VACR1806
H
60
30
337
320
V
30
60
337
320
VACR2005
H
40
20
300
285
0.55
V
20
40
300
285
VACR2001
H
60
30
167
150
V
30
60
167
150
VACR2502
H
60
30
217
200
0.7
V
30
60
217
200
VACR2506
H
60
30
337
320
V
30
60
337
320
VACR3002
H
60
30
217
200
0.7
V
30
60
217
200
VACR3004
H
60
30
287
250
V
30
60
267
250
VACR4004
H
60
30
267
250
0.9
V
30
60
267
250
VACR4006
H
60
30
337
320
V
30
60
337
320
VACR5006
H
60
30
337
320
1.1
V
30
60
337
320



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com