Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 3 Page - Texas Instruments

  POPA2186DDFT Datasheet HTML 1Page - Texas Instruments POPA2186DDFT Datasheet HTML 2Page - Texas Instruments POPA2186DDFT Datasheet HTML 3Page - Texas Instruments POPA2186DDFT Datasheet HTML 4Page - Texas Instruments POPA2186DDFT Datasheet HTML 5Page - Texas Instruments POPA2186DDFT Datasheet HTML 6Page - Texas Instruments POPA2186DDFT Datasheet HTML 7Page - Texas Instruments POPA2186DDFT Datasheet HTML 8Page - Texas Instruments POPA2186DDFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-1. D (8-Pin SOIC) and DDF (8-Pin SOT-23) Packages, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input channel A
+IN A
3
Input
Noninverting input channel A
–IN B
6
Input
Inverting input channel B
+IN B
5
Input
Noninverting input channel B
OUT A
1
Output
Output channel A
OUT B
7
Output
Output channel B
V–
4
Power
Negative supply
V+
8
Power
Positive supply
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com