Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 17 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 13Page - Texas Instruments POPA2186DDFT Datasheet HTML 14Page - Texas Instruments POPA2186DDFT Datasheet HTML 15Page - Texas Instruments POPA2186DDFT Datasheet HTML 16Page - Texas Instruments POPA2186DDFT Datasheet HTML 17Page - Texas Instruments POPA2186DDFT Datasheet HTML 18Page - Texas Instruments POPA2186DDFT Datasheet HTML 19Page - Texas Instruments POPA2186DDFT Datasheet HTML 20Page - Texas Instruments POPA2186DDFT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
7.3.4 EMI Rejection
The OPA2186 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of
analog signal chain and digital components. EMI immunity can be improved with circuit design techniques; the
OPA2186 benefits from these design improvements. Texas Instruments has developed the ability to accurately
measure and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from
10 MHz to 6 GHz. Figure 7-2 shows the results of this testing on the OPA2186. Table 7-1 lists the EMIRR +IN
values for the OPA2186 at particular frequencies commonly encountered in real-world applications. Table 7-1
lists applications that can be centered on or operated near the particular frequency shown. See also the EMI
Rejection Ratio of Operational Amplifiers application report, available for download from www.ti.com.
Frequency (Hz)
25
50
75
100
125
150
175
10M
100M
1G
10G
Figure 7-2. EMIRR Testing
Table 7-1. OPA2186 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION AND ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
48.4 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
69.1 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
88.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
82.5 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
95.5 dB
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com