Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 25 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 21Page - Texas Instruments POPA2186DDFT Datasheet HTML 22Page - Texas Instruments POPA2186DDFT Datasheet HTML 23Page - Texas Instruments POPA2186DDFT Datasheet HTML 24Page - Texas Instruments POPA2186DDFT Datasheet HTML 25Page - Texas Instruments POPA2186DDFT Datasheet HTML 26Page - Texas Instruments POPA2186DDFT Datasheet HTML 27Page - Texas Instruments POPA2186DDFT Datasheet HTML 28Page - Texas Instruments POPA2186DDFT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Figure 8-3 shows the complete OPA2186 high-side current monitor. The circuit is capable of monitoring a current
range of < 1 A to 11 A, with a VCM very close to the 24-V supply voltage.
+
–
+ 24 V –
VO = 300 mV to 3.3 V
+
24 V
–
RL = 10 m
R1 = 1 k
R2 = 30 k
R3 = 1 k
R4 = 30 k
OPA2186
IL
Load Current
1 A to 11 A
µController
ADC
+ 3.3 V –
Figure 8-3. OPA2186 Configured as a High-Side Current Monitor
In this example, the OPA2186 output voltage is intentionally limited to 3.3 V. However, because of the 24-V
supply, the output voltage can be much higher to allow for a higher-voltage data converter with a higher dynamic
range.
The circuit in Figure 8-3 was checked using the TINA Spice circuit simulation tool to verify the correct operation
of the OPA2186 high-side current monitor. The simulation results are seen in Figure 8-4. The performance is
exactly as expected. Upon careful inspection of the plots, one possible surprise is that VO continues towards
zero as the sense current drops below 1 A, where VO is 300 mV and less.
+
–
+ 24 V –
VO = 300 mV to 3.3 V
+
24 V
–
RL = 10 m
R1 = 1 k
R2 = 30 k
R3 = 1 k
R4 = 30 k
OPA2186
IL
Load Current
1 A to 11 A
µController
ADC
+ 3.3 V –
Figure 8-4. OPA2186 High-Side Current-Monitor Simulation Schematic
The OPA2186 output, as well as other CMOS output amplifiers, often swing closer to 0 V than the linear
output parameters suggest. The voltage output swing, VO (see the Electrical Characteristics table), is not an
indication of the linear output range, but rather how close the output can move towards the supply rail. In that
region, the amplifier output approaches saturation, and the amplifier ceases to operate linearly. Thus, in the
current-monitor application, the current-measurement capability can continue to much less than the 300-mV
output level. However, keep in mind that the linearity errors are becoming large.
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com