Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSO16IS Datasheet(PDF) 7 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 3Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 4Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 5Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 6Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 7Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 8Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 9Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 10Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
In the following table each mode is described for the pin connections and function.
Table 1. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
1
SDO/SA0
SPI 4-wire interface serial data output (SDO)
I²C least significant bit of the device address (SA0)
2
MSDA
Connect to Vdd_IO or GND
I²C serial data master (MSDA)
3
MSCL
Connect to Vdd_IO or GND
I²C serial clock master (MSCL)
4
INT1
Programmable interrupt 1
5
Vdd_IO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
Vdd(1)
Power supply
9
INT2
Programmable interrupt 2
Programmable interrupt 2 (INT2)
I²C master external synchronization signal (MDRDY)
10
RES
Leave unconnected(2)
11
RES
Connect to Vdd_IO or leave unconnected(2)
12
CS
I²C/SPI mode selection
(1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
13
SCL
I²C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
1. Recommended 100 nF filter capacitor.
2. Leave pin electrically unconnected and soldered to PCB.
LSM6DSO16IS
Pin connections
DS13892 - Rev 2
page 7/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com