Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSO16IS Datasheet(PDF) 2 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 2 Page - STMicroelectronics

  LSM6DSO16IS Datasheet HTML 1Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 2Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 3Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 4Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 5Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 6Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 7Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 8Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
1
Overview
The LSM6DSO16IS is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope which embeds an ISPU (intelligent sensor processing unit).
ISPU is the new ST category of processing: it is an ultra-low-power, high-performance programmable core with
high computational efficiency which can execute signal processing and AI algorithms on the real-time data from
the sensor(s). It is compatible with the most common tools to enable flexible development and supports both
machine learning and deep learning, offering broad options and freedom for programming.
ISPU is equipped with 32 KB of program RAM, 8 KB of data RAM and an FPU supporting addition, subtraction,
and multiplication.
The LSM6DSO16IS features programmable interrupts and an on-chip sensor hub which includes up to six
sensors: two internal (accelerometer and gyroscope) and four external sensors.
The sensor hub is accessible from the ISPU.
Like the entire portfolio of MEMS sensor modules, the LSM6DSO16IS leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes.
The sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better match
the characteristics of the sensing element.
The LSM6DSO16IS is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to
address ultra-compact solutions.
LSM6DSO16IS
Overview
DS13892 - Rev 2
page 2/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com