Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSO16IS Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSO16IS Datasheet HTML 1Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 2Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 3Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 4Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 5Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 6Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 7Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 8Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
There are 64-byte registers for general-purpose output data coming from the ISPU in registers ISPU_DOUT_00_L
(10h), ISPU_DOUT_00_H (11h) through ISPU_DOUT_31_L (4Eh), ISPU_DOUT_31_H (4Fh).
The device also provides four sets of 16-bit registers which can be used for loading input data (like algorithm
configuration) for the ISPU in registers ISPU_DUMMY_CFG_1_L (73h) and ISPU_DUMMY_CFG_1_H (74h)
through ISPU_DUMMY_CFG_4_L (79h) and ISPU_DUMMY_CFG_4_H (7Ah).
Figure 1. ISPU block diagram
SPI / I2C
Accelerometer
Gyroscope
Temperature
ISPU input data from sensors
• Accelerometer (ISPU_ARAW)
• Gyroscope (ISPU_GRAW)
• Temperature (ISPU_TEMP)
• External sensor (ISPU_ERAW)
ISPU output data registers
(ISPU_DOUT)
ISPU configuration registers
(ISPU_DUMMY_CFG)
ISPU to IF flags registers
(ISPU_S2IF_FLAG)
IF to ISPU flags registers
(ISPU_IF2S_FLAG)
ISPU core
ISPU
Sensor hub
Sensor
Core
LSM6DSO16IS
Sensor hub
I2C
LSM6DSO16IS
ISPU (intelligent sensor processing unit)
DS13892 - Rev 2
page 4/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com