Electronic Components Datasheet Search
  English  ▼

X  

VD6283TX Datasheet(PDF) 38 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 34Page - STMicroelectronics VD6283TX Datasheet HTML 35Page - STMicroelectronics VD6283TX Datasheet HTML 36Page - STMicroelectronics VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics VD6283TX Datasheet HTML 40Page - STMicroelectronics VD6283TX Datasheet HTML 41Page - STMicroelectronics VD6283TX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Parameter
Conditions
Min.
Typ.
Max.
Unit
Minimum detectable light
level (2)
Green channel (3)
Lux
Maximum light level (2)
AGAIN = 0.7x, EXTIME = 1.6 ms
Clear channel (3)
6609
AGAIN = 0.7x, EXTIME = 1.6 ms,
Green channel (3)
30369
Dark count noise
Irradiance = 0 µW/m2 (i.e. total dark)
AGAIN = 66x, EXTIME = 100 ms
Tamb = 25 °C
0
1.484
Counts
1. Refer to Section 3.3.1 Raw and calibration data and Section 8.2 Channel sensitivity
2. Guaranteed by characterization (process and temperature variation included)
3. D65 s visible light source
Table 16. Flicker operating characteristics
Unless otherwise stated, the flicker characteristics below are valid under the following host conditions: Flicker channel = Clear,
FFT method, 300 ms data capture time.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Percent flicker
ranges
White LED, 4000 K
(DC level) from 1 to 5 Lux
20
100
%
White LED, 4000 K
(DC level) from 5 to 4000 Lux
3
100
AC flicker frequency
detection range
For above percent flicker ranges
100
2000
Hz
AC flicker frequency
detection accuracy
Frequency range = 100 Hz to 2000 Hz
Light waveform = square (PWM)
1
3.3
%
Frequency range = 100 Hz / 120 Hz
Light waveform = sine wave
1
3.3
VD6283TX
ALS and flicker performances
DS13735 - Rev 1
page 38/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com