Electronic Components Datasheet Search
  English  ▼

X  

IRF7475 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7475
Description  HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7475 Datasheet(HTML) 2 Page - International Rectifier

  IRF7475 Datasheet HTML 1Page - International Rectifier IRF7475 Datasheet HTML 2Page - International Rectifier IRF7475 Datasheet HTML 3Page - International Rectifier IRF7475 Datasheet HTML 4Page - International Rectifier IRF7475 Datasheet HTML 5Page - International Rectifier IRF7475 Datasheet HTML 6Page - International Rectifier IRF7475 Datasheet HTML 7Page - International Rectifier IRF7475 Datasheet HTML 8Page - International Rectifier IRF7475 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7475
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
12
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.014
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11.5
15
m
Ω
–––
20
50
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
3.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
100
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
gfs
Forward Transconductance
22
–––
–––
S
Qg
Total Gate Charge
–––
13
19
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.5
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.9
–––
Qgodr
Gate Charge Overdrive
–––
5.0
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.4
–––
Qoss
Output Charge
–––
17
–––
nC
td(on)
Turn-On Delay Time
–––
7.5
–––
tr
Rise Time
–––33–––
td(off)
Turn-Off Delay Time
–––
13
–––
ns
tf
Fall Time
–––
7.5
–––
Ciss
Input Capacitance
–––
1590
–––
Coss
Output Capacitance
–––
1310
–––
pF
Crss
Reverse Transfer Capacitance
–––
260
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
™
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
11
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
88
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
42
63
ns
Qrr
Reverse Recovery Charge
–––
44
66
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 10V, VGS = 0V
VDD = 6.0V, VGS = 4.5V f
ID = 8.8A
VDS = 6.0V
VGS = 12V
VGS = -12V
Conditions
0.25
Max.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 8.8A f
VDS = VGS, ID = 250µA
VDS = 9.6V, VGS = 0V
VDS = 9.6V, VGS = 0V, TJ = 125°C
Clamped Inductive Load
VDS = 6.0V, ID = 8.8A
180
TJ = 25°C, IF = 8.8A, VDD = 10V
di/dt = 100A/µs
f
TJ = 25°C, IS = 8.8A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
8.8
MOSFET symbol
VGS = 2.8V, ID = 5.5A
f
–––
VGS = 4.5V
Typ.
–––
–––
ID = 7.0A
VGS = 0V
VDS = 6.0V
ƒ = 1.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com