Electronic Components Datasheet Search
  English  ▼

X  

IRF7475 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7475
Description  HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7475 Datasheet(HTML) 1 Page - International Rectifier

  IRF7475 Datasheet HTML 1Page - International Rectifier IRF7475 Datasheet HTML 2Page - International Rectifier IRF7475 Datasheet HTML 3Page - International Rectifier IRF7475 Datasheet HTML 4Page - International Rectifier IRF7475 Datasheet HTML 5Page - International Rectifier IRF7475 Datasheet HTML 6Page - International Rectifier IRF7475 Datasheet HTML 7Page - International Rectifier IRF7475 Datasheet HTML 8Page - International Rectifier IRF7475 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
11/12/02
IRF7475
HEXFET® Power MOSFET
Notes
 through ƒ are on page 10
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
Applications
l High Frequency Point-of-Load
Synchronous Buck Converter for
Applications in Networking &
Computing Systems.
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
W
PD @TA = 70°C
Power Dissipation
g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient
f
–––
50
-55 to + 150
2.5
0.02
1.6
Max.
11
7.0
88
± 12
12
PD - 94531A
VDSS
RDS(on) max
Qg
12V
15m
:@V
GS = 4.5V
19nC


Similar Part No. - IRF7475

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7475PBF IRF-IRF7475PBF Datasheet
189Kb / 10P
HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRF7475TRPBF VBSEMI-IRF7475TRPBF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7475

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
HEXFET MOSFET for DC-DC Converters
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
HEXFET Power MOSFET for DC-DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com