Electronic Components Datasheet Search
  English  ▼

X  

IRF7475 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7475
Description  HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7475 Datasheet(HTML) 4 Page - International Rectifier

  IRF7475 Datasheet HTML 1Page - International Rectifier IRF7475 Datasheet HTML 2Page - International Rectifier IRF7475 Datasheet HTML 3Page - International Rectifier IRF7475 Datasheet HTML 4Page - International Rectifier IRF7475 Datasheet HTML 5Page - International Rectifier IRF7475 Datasheet HTML 6Page - International Rectifier IRF7475 Datasheet HTML 7Page - International Rectifier IRF7475 Datasheet HTML 8Page - International Rectifier IRF7475 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7475
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
V
DS, Drain-to-Source voltage (V)
1
10
100
100
1000
10000
C
iss
C
oss
C
rss
V
GS = 0V,
f = 1 MHZ
C
iss = Cgs + Cgd, Cds SHORTED
C
rss = Cgd
C
oss = Cds + Cgd
V
SD, Source-to-Drain Voltage (V)
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
VGS = 0V
T
J = 25ºC
T
J = 150ºC
V
DS, Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R
DS(on)
10msec
1msec
10µsec
T
C = 25ºC
T
J
= 150ºC
Single Pulse
Q
G, Total Gate Charge (nC)
0
5
10
15
20
0
1
2
3
4
5
6
I
D = 7.0A
V
DS = 12V
V
DS = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com