Electronic Components Datasheet Search
  English  ▼

X  

STL3N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL3N65M2
Description  N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL3N65M2 Datasheet HTML 1Page - STMicroelectronics STL3N65M2 Datasheet HTML 2Page - STMicroelectronics STL3N65M2 Datasheet HTML 3Page - STMicroelectronics STL3N65M2 Datasheet HTML 4Page - STMicroelectronics STL3N65M2 Datasheet HTML 5Page - STMicroelectronics STL3N65M2 Datasheet HTML 6Page - STMicroelectronics STL3N65M2 Datasheet HTML 7Page - STMicroelectronics STL3N65M2 Datasheet HTML 8Page - STMicroelectronics STL3N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
J
A
Figure 2. Normalized transient thermal impedance
RthJA
RthJA
Figure 3. Typical output characteristics
GIPD031120151041OCH
5
4
3
2
1
0
0
4
8
12
16
I D
(A)
V DS (V)
V GS = 7V, 8V, 9V, 10V
6V
5V
4V
Figure 4. Typical transfer characteristics
GIPD031120151042TCH
5
4
3
2
1
0
0
2
4
6
8
I D
(A)
V GS (V)
V DS = 17 V
Figure 5. Typical gate charge characteristics
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
VGS
[V]
Qg [nC]
VDD = 520 V
ID = 2.3 A
VDS
VDS
[V]
Figure 6. Typical drain-source on-resistance
GIPD171220151644RID
1.68
1.64
1.60
1.56
1.52
0
0.5
1
1.5
2
R DS(on)
(Ω)
I D (A)
V GS = 10V
STL3N65M2
Electrical characteristics (curves)
DS11065 - Rev 4
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com