Electronic Components Datasheet Search
  English  ▼

X  

STL3N65M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL3N65M2
Description  N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N65M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL3N65M2 Datasheet HTML 5Page - STMicroelectronics STL3N65M2 Datasheet HTML 6Page - STMicroelectronics STL3N65M2 Datasheet HTML 7Page - STMicroelectronics STL3N65M2 Datasheet HTML 8Page - STMicroelectronics STL3N65M2 Datasheet HTML 9Page - STMicroelectronics STL3N65M2 Datasheet HTML 10Page - STMicroelectronics STL3N65M2 Datasheet HTML 11Page - STMicroelectronics STL3N65M2 Datasheet HTML 12Page - STMicroelectronics STL3N65M2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Table 7. PowerFLAT 3.3x3.3 HV package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
b
0.25
0.30
0.40
D
3.30
D2
2.50
2.65
2.75
E
3.30
E2
1.15
1.30
1.40
e
0.65
L
0.20
0.30
0.40
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Figure 20. PowerFLAT 3.3x3.3 HV recommended footprint (dimensions are in mm)
8374983_footprint
STL3N65M2
PowerFLAT 3.3x3.3 HV package information
DS11065 - Rev 4
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com