Electronic Components Datasheet Search
  English  ▼

X  

STL3N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL3N65M2
Description  N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL3N65M2 Datasheet HTML 1Page - STMicroelectronics STL3N65M2 Datasheet HTML 2Page - STMicroelectronics STL3N65M2 Datasheet HTML 3Page - STMicroelectronics STL3N65M2 Datasheet HTML 4Page - STMicroelectronics STL3N65M2 Datasheet HTML 5Page - STMicroelectronics STL3N65M2 Datasheet HTML 6Page - STMicroelectronics STL3N65M2 Datasheet HTML 7Page - STMicroelectronics STL3N65M2 Datasheet HTML 8Page - STMicroelectronics STL3N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PowerFLAT 3.3x3.3 HV
1 2
3 4
8 7
6 5
5 6
7 8
NG4D5678S123Z
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on ) max.
ID
STL3N65M2
650 V
1.8 Ω
2.3 A
•
Extremely low gate charge
•
Excellent output capacitance (Coss) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STL3N65M2
Product summary
Order code
STL3N65M2
Marking
3N65M
Package
PowerFLAT 3.3x3.3 HV
Packing
Tape and reel
N-channel 650 V, 1.6 Ω typ., 2.3 A MDmesh M2 Power MOSFET
in a PowerFLAT 3.3x3.3 HV package
STL3N65M2
Datasheet
DS11065 - Rev 4 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL3N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL3N10F7 STMICROELECTRONICS-STL3N10F7 Datasheet
889Kb / 13P
N-channel enhancement mode
30-Apr-2014
STL3NK40 STMICROELECTRONICS-STL3NK40 Datasheet
807Kb / 16P
N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
29-Aug-2013
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
Low input capacitance and gate charge
19-Nov-2014
More results

Similar Description - STL3N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com