Electronic Components Datasheet Search
  English  ▼

X  

STO68N65DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STO68N65DM6
Description  N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO68N65DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STO68N65DM6 Datasheet HTML 1Page - STMicroelectronics STO68N65DM6 Datasheet HTML 2Page - STMicroelectronics STO68N65DM6 Datasheet HTML 3Page - STMicroelectronics STO68N65DM6 Datasheet HTML 4Page - STMicroelectronics STO68N65DM6 Datasheet HTML 5Page - STMicroelectronics STO68N65DM6 Datasheet HTML 6Page - STMicroelectronics STO68N65DM6 Datasheet HTML 7Page - STMicroelectronics STO68N65DM6 Datasheet HTML 8Page - STMicroelectronics STO68N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TO-LL type A2
Drain (TAB)
Gate(1)
Driver
source (2)
Power
source (3, 4, 5, 6, 7,8)
N-chG1DS2PS345678DTABZ
Features
Order code
VDS
RDS(on) max.
ID
STO68N65DM6
650 V
65 mΩ
55 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
•
Excellent switching performance thanks to the extra driving source pin
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STO68N65DM6
Product summary
Order code
STO68N65DM6
Marking
68N65DM6
Package
TO-LL type A2
Packing
Tape and reel
N-channel 650 V, 53 mΩ typ., 55 A MDmesh DM6 Power MOSFET
in a TO
‑LL package
STO68N65DM6
Datasheet
DS13723 - Rev 1 - May 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STO68N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STO65N60DM6 STMICROELECTRONICS-STO65N60DM6 Datasheet
1Mb / 15P
N?멵hannel 600 V, 67 mΩ typ., 46 A MDmesh DM6 Power MOSFET in a TO?멛L package
Rev 1 - March 2021
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
More results

Similar Description - STO68N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF33N60DM6 STMICROELECTRONICS-STF33N60DM6 Datasheet
264Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
01-Jul-2020
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com