Electronic Components Datasheet Search
  English  ▼

X  

STO68N65DM6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STO68N65DM6
Description  N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO68N65DM6 Datasheet(HTML) 4 Page - STMicroelectronics

  STO68N65DM6 Datasheet HTML 1Page - STMicroelectronics STO68N65DM6 Datasheet HTML 2Page - STMicroelectronics STO68N65DM6 Datasheet HTML 3Page - STMicroelectronics STO68N65DM6 Datasheet HTML 4Page - STMicroelectronics STO68N65DM6 Datasheet HTML 5Page - STMicroelectronics STO68N65DM6 Datasheet HTML 6Page - STMicroelectronics STO68N65DM6 Datasheet HTML 7Page - STMicroelectronics STO68N65DM6 Datasheet HTML 8Page - STMicroelectronics STO68N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
55
A
ISDM(1)
Source-drain current (pulsed)
-
172
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 48 A
-
1.6
V
trr
Reverse recovery time
ISD = 48 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 15. Test circuit for inductive
load switching and diode recovery times)
-
135
ns
Qrr
Reverse recovery charge
-
0.641
µC
IRRM
Reverse recovery current
-
9.5
A
trr
Reverse recovery time
ISD = 48 A, di/dt = 100 A/µs,
VDD = 60 V, TJ = 150 °C
(see Figure 15. Test circuit for inductive
load switching and diode recovery times)
-
245
ns
Qrr
Reverse recovery charge
-
2.45
µC
IRRM
Reverse recovery current
-
20
A
1. Pulse width is limited by safe operating area.
2. Pulse test: pulse duration = 300 µs, duty cycle 1.5%.
STO68N65DM6
Electrical characteristics
DS13723 - Rev 1
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com