Electronic Components Datasheet Search
  English  ▼

X  

32AV700V Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 32AV700V
Description  OWNERS MANUAL LCD Colour TV
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

32AV700V Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 32AV700V Datasheet HTML 9Page - Toshiba Semiconductor 32AV700V Datasheet HTML 10Page - Toshiba Semiconductor 32AV700V Datasheet HTML 11Page - Toshiba Semiconductor 32AV700V Datasheet HTML 12Page - Toshiba Semiconductor 32AV700V Datasheet HTML 13Page - Toshiba Semiconductor 32AV700V Datasheet HTML 14Page - Toshiba Semiconductor 32AV700V Datasheet HTML 15Page - Toshiba Semiconductor 32AV700V Datasheet HTML 16Page - Toshiba Semiconductor 32AV700V Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Introduction / Getting started
3 Press Q to display the AutoTuning menu.
Auto Tuning
Previous settings will be Lost!
Press EXIT for no change.
Press OK key to start auto tune.
4 Press Q to start the automatic search.
The search will begin for all available stations.
5 When the automatic search is completed,
the TV will automatically appear the
Manual
Tuning menu.
6 Closing the AutoTuning menu, press EXIT.
Note:
When you preset the channel which sound
of broadcast transmission system adopts “M”
system, the sound system may not be tuned
correctly if the radio waves transmit badly. At that
time, preset the channel by
Manual Tuning.
The countries such as Myanmar, Brazil, Chile,
Colombia apply to this case. See page 31 for
more details.
Manual Tuning
1 From the SETUP menu, press s or r to
select
Manual Tuning.
2 Press Q to display the ManualTuning
menu.
Press s or r to select the programme
position you want to arrange.
3 Press Q to display the breakdown menu.
Press v or w to select an item, then press s
or r to select the item as shown below.
Manual Tuning
Position
0 1 B/G A
0
On
A
C
E
G
H
F
D
B
A. Position selection
B. System (Sound) (- page 31)
C. Colour System (- page 31)
A : Automatic (factory set), P : PAL,
S : SECAM, 4 : NTSC 4.43 (MHz),
3 : NTSC 3.58 (MHz)
If the colour of a certain channel is
abnormal, the automatic colour system
selection (A) may have malfunctioned, or
sound system selection is wrong. In such
a case, select another colour and/or sound
system (- page 31).
D. Position skip selection
Press s or r to turn the position skip
option on “8” or off “(”.
The position will then be skipped when you
select channels with
PU or Pu.
The “8” mark will appear beside a
position number when you use the
Number button on the remote control.
E. Channel search operation
Press r to search up the band or s to
search down the band.
Press s or r repeatedly until your desired
channel is displayed.
When a station is found, it will be
displayed.
NEVER PRESS ANY OTHER BUTTONS
WHILE THE SET IS TUNING.
F. Manual Fine Tuning
Press s or r until better picture and
sound are obtained.
G. Signal Booster
If the receiving signal is weak/strong and
the picture is noisy, the picture may be
improved when using this function.
Press the s or r to turn the
Signal
Booster On or Off.
H. Label
Station labels appear under the
programme position display each time you
turn on the TV, select a channel, or press
.
To change or create station labels:
1) Press s or r repeatedly to select a
character for the first space, then press
v
or w.
*(blank space)
2) Repeat step 1) to enter the rest of the
characters. If you would like a blank
space in the label name, you must
choose a blank space from the list of
characters.
Press Q to store your settings.
Setting the Location
You can select either
Home or Store mode.
Home is recommended for normal home use.
Select
Store when using a TV for displaying in a
shop, etc.
1 From the SETUP menu, press s or r to
select
Location.
2 Press v or w to select Home or Store.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com