Electronic Components Datasheet Search
  English  ▼

X  

32AV700V Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # 32AV700V
Description  OWNERS MANUAL LCD Colour TV
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

32AV700V Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button 32AV700V Datasheet HTML 17Page - Toshiba Semiconductor 32AV700V Datasheet HTML 18Page - Toshiba Semiconductor 32AV700V Datasheet HTML 19Page - Toshiba Semiconductor 32AV700V Datasheet HTML 20Page - Toshiba Semiconductor 32AV700V Datasheet HTML 21Page - Toshiba Semiconductor 32AV700V Datasheet HTML 22Page - Toshiba Semiconductor 32AV700V Datasheet HTML 23Page - Toshiba Semiconductor 32AV700V Datasheet HTML 24Page - Toshiba Semiconductor 32AV700V Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Using the TV’s features
Teletext
This TV has a multi-page Teletext memory, which
takes a few moments to load and it offers two
ways of viewing
Teletext Auto and List which
are explained below.
Setting up the Teletext mode
To select a language for Teletext:
The language 1-4 option enables the display of
different language when using
Teletext.
1 From the FUNCTION menu, and then press
s
or r to select
Teletext Language.
2 Press v or w to select the required language.
•
Language 1: English, German, Dutch,
Flemish, Russian, Bulgarian, Ukranian,
Lettish, Lithuanian, Czech, Slovak,
Estonian
•
Language 2: Polish, German, Dutch,
Flemish, Estonian, Lettish, Lithuanian,
French, Serbian, Croatian, Slovenian,
Czech, Slovak, Rumanian
•
Language 3: English, French, Hebrew,
Turkish, Arabic
•
Language 4: English, French, Hebrew,
Turkish, Farsi (Iranian/Persian)
To select Teletext mode:
Select a channel position with the desired
Teletext service.
1 From FUNCTION menu, press s or r to
select
Teletext.
2 Press v or w to select Auto or List mode.
Note:
When you are watching the teletext programme,
SETUP menu and FUNCTION menu are not
selectable.
Teletext general information
button:
Pressing
once will bring up the teletext
screen. Press again to superimpose the teletext
over a normal broadcast picture. Press again to
return to normal TV mode. You need to return to
normal viewing if you wish to change channels.
When you first press
to access the text
service, the first page you see will be the initial
page.
In
Auto mode, this displays the main subjects
available and their relevant page numbers.
In
List mode, you will see the page numbers
currently stored on the
each colour button.
3 Press v or w to select an item, and then
press s or r to select the item as shown
below.
Manual Settings
Colour System : Auto
EXT1
A
A
B
A. Colour System
Confirm that
Colour System is set to “A”
(Auto). If not, select “
A” with s or r.
Note:
Only o1 signal input, this function is
available.
B. Label
The label allows you to label each input
source for your TV.
To change or create labels:
1) Press s or r repeatedly to select a
character for the first space, then press
v
or w.
*(blank space)
2) Repeat step 1) to enter the rest of the
characters. If you would like a blank
space in the label name, you must
choose a blank space from the list of
characters.
Press Q to store your settings.
Channel List
1 Press the
button. The
Channel List will
appear.
2 Press s or r to select a channel, and press
Q to watch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com