| Electronic Components Datasheet Search |
|
32AV700V Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
32AV700V Datasheet(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 32 page ![]() 2 Introduction / Getting started • You also can use the controls on the TV if they have the same name as those referred to on the remote control. • Please read all safety and operating instructions in this manual carefully, and keep this manual for future reference. Important Safety Instructions Be sure to observe the following instructions and precautions to ensure safe use of this TV. Installation 1) Always connect the power plug to an appropriate electrical outlet equipped with 110-240V, AC 50/60Hz. Never use the TV outside the specified voltage range. It may cause a fire or an electric shock. Check! Ex. 110-240V AC, 50/60Hz WARNING ABOUT THREE-WIRE GROUNDING-TYPE PLUG: • This product shall be connected to a main socket outlet with a protective earthing connection. • Never remove the earthing pin on the power plug. This system is equipped with a three pin earthing-type power plug. This plug will only fit an earthing-type power outlet. This is a safety feature. If you are unable to insert the plug into the outlet, contact an electrician to replace the wall outlet. • Never defeat the purpose of the earthing plug. About the fuse (Only for E models) In a three pin earthing-type, the fuse fitted in this plug is approved by ASTA or BSI to BS1362. It should only be replaced by a correctly rated and approved type and the fuse cover must be refitted. About the earth An appliance with protective earth terminal should be connected to a mains outlet with a protective earth connection. About the use • Make sure to insert the plugs firmly, when plugging the AC power cord into the TV set end and wall outlet end. • Make sure to hold the plug, when unplugging the AC power cord. Contents Introduction / Getting started Connecting an aerial .............................. 7 Exploring your new TV ........................... 7 TV front and side panel controls ............ 7 TV back panel connections .................... 8 Learning about the remote control ......... 9 Turning the TV on ................................. 10 Tuning the TV for the first time ............. 10 Using the Quick Menu .......................... 11 Learning about the menu system ......... 11 Watching TV programmes .................... 12 Programming channels into the TV’s channel memory ..................... 12 Using the TV’s features Picture adjustment ............................... 15 Sound adjustment ................................ 18 Other features settings ......................... 19 Selecting the video input source to view ...................................... 20 Channel List ......................................... 21 Teletext ................................................. 21 Connecting your TV Back connections ................................. 24 Connecting HDMI or DVI devices ......... 24 Selecting the PC/HDMI 1 Audio mode .......................................... 25 Setting the HDMI 1 Audio mode ........... 25 Connecting a computer ........................ 26 Using the PC Settings .......................... 27 Using the Media Player ........................ 27 Reference section Troubleshooting .................................... 30 Broadcast system ................................. 30 Specifications ....................................... 31 Welcome to Toshiba • Thank you for purchasing this Toshiba LCD Colour TV. This manual will help you use the exciting features of your new TV. • Instructions in this manual are based on using the remote control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |