Electronic Components Datasheet Search
  English  ▼

X  

SN65555FN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65555FN
Description  ELECTROLUMINESCENT COLUMIN DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65555FN Datasheet(HTML) 5 Page - Texas Instruments

  SN65555FN Datasheet HTML 1Page - Texas Instruments SN65555FN Datasheet HTML 2Page - Texas Instruments SN65555FN Datasheet HTML 3Page - Texas Instruments SN65555FN Datasheet HTML 4Page - Texas Instruments SN65555FN Datasheet HTML 5Page - Texas Instruments SN65555FN Datasheet HTML 6Page - Texas Instruments SN65555FN Datasheet HTML 7Page - Texas Instruments SN65555FN Datasheet HTML 8Page - Texas Instruments SN65555FN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SLDS031A
– APRIL 1985 – REVISED APRIL 1993
4
–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC1 (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2 (see Note 2)
90 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
VCC1 + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground current
700 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN65555, SN65556
– 40 C to 85 C
. . . . . . . . . . . . . . . . . . . . . . .
SN75555, SN75556
0 C to 70 C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65 C to 150 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260 C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Voltage values are with respect to network GND.
2. These devices have been designed to be used in applications in which the high-voltage supply, VCC2, is switched to GND before
changing the state of the outputs.
DISSIPATION RATING TABLE
PACKAGE
TA 25 C
DERATING FACTOR
TA = 70 C
TA = 85 C
PACKAGE
A
POWER RATING
ABOVE TA = 25 C
A
POWER RATING
A
POWER RATING
FN
1700 mW
13.6 mW/ C
1088 mW
884 mW
N
1250 mW
10.0 mW/ C
800 mW
650 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1
10.8
12
15
V
Supply voltage, VCC2
0
80
V
High level input voltageVIH (see Figure 1)
VCC1 = 10.8 V
8.1
11.1
V
High-level input voltage, VIH (see Figure 1)
VCC1 = 15 V
11.25
15.3
V
Low level input voltageVIL (see Figure 1)
VCC1 = 10.8 V
– 0.3†
2.7
V
Low-level input voltage, VIL (see Figure 1)
VCC1 = 15 V
– 0.3†
3.75
V
High-level output current, IOH
– 15
mA
Low-level output current, IOL
15
mA
Output clamp current, IOK
20
mA
Clock frequency, fclock
0
6.25
MHz
Pulse duration, CLOCK high or low, tw(CLK) (see Figure 2)
80
ns
Pulse duration, LATCH ENABLE, tw(LE)
80
ns
Setup timet
DATA IN before CLOCK
(see Figure 2)
20
ns
Setup time, tsu
OUTPUT ENABLE before VCC2 (see Figure 4)
500
ns
Hold timeth
DATA IN after CLOCK
(see Figure 2)
80
ns
Hold time, th
OUTPUT ENABLE after VCC2 (see Figure 4)
100
ns
Rate of rise for VCC2, dv/dt
80
V/ s
Operating free air temperatureTA
SN65555, SN65556
– 40
85
C
Operating free-air temperature, TA
SN75555, SN75556
0
85
C
† The algebraic convention, in which the least positive (most negative) value is designated as minimum, is used in this data sheet for logic voltage
levels.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com