Electronic Components Datasheet Search
  English  ▼

X  

SN65555FN Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65555FN
Description  ELECTROLUMINESCENT COLUMIN DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65555FN Datasheet(HTML) 6 Page - Texas Instruments

  SN65555FN Datasheet HTML 1Page - Texas Instruments SN65555FN Datasheet HTML 2Page - Texas Instruments SN65555FN Datasheet HTML 3Page - Texas Instruments SN65555FN Datasheet HTML 4Page - Texas Instruments SN65555FN Datasheet HTML 5Page - Texas Instruments SN65555FN Datasheet HTML 6Page - Texas Instruments SN65555FN Datasheet HTML 7Page - Texas Instruments SN65555FN Datasheet HTML 8Page - Texas Instruments SN65555FN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SLDS031A
– APRIL 1985 – REVISED APRIL 1993
4
–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC1 = 12 V,
VCC2 = 80 V
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level output voltage
Q outputs
IO = – 15 mA
77
V
VOH
High-level output voltage
SERIAL OUT
IO = – 100 A
10.5
V
VOL
Low level output voltage
Q outputs
IOL = 15 mA
8
V
VOL
Low-level output voltage
SERIAL OUT
IOL = 100 A
1
V
IIH
High-level input current
VI = 12 V
1
A
IIL
Low-level input current
VI = 0
– 1
A
ICC1
Supply current from VCC1
2
mA
ICC2
Supply current from VCC2
5
mA
switching characteristics, VCC1 = 12 V, TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPHL
Propagation delay time, high-to-low-level,
SERIAL OUT from CLOCK
CL = 20 pF to GND,VCC2 = 0,
140
ns
tPLH
Propagation delay time, low-to-high level,
SERIAL OUT from CLOCK
L
,
CC2
,
See Figure 3
140
ns
td
Delay time, VCC2 to Q outputs
dv/dt = 80 V/ s,
See Figure 4
100
ns
RECOMMENDED OPERATING CONDITIONS
VCC1 – Supply Voltage – V
8
6
4
2
10
11
12
13
10
12
14
15
INPUT VOLTAGE LOGIC-LEVEL LIMITS
vs
SUPPLY VOLTAGE VCC1
TA = Full Range
2
Maximum VIL
Minimum VIH
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com