Electronic Components Datasheet Search
  English  ▼

X  

SN65555FN Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65555FN
Description  ELECTROLUMINESCENT COLUMIN DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65555FN Datasheet(HTML) 7 Page - Texas Instruments

  SN65555FN Datasheet HTML 1Page - Texas Instruments SN65555FN Datasheet HTML 2Page - Texas Instruments SN65555FN Datasheet HTML 3Page - Texas Instruments SN65555FN Datasheet HTML 4Page - Texas Instruments SN65555FN Datasheet HTML 5Page - Texas Instruments SN65555FN Datasheet HTML 6Page - Texas Instruments SN65555FN Datasheet HTML 7Page - Texas Instruments SN65555FN Datasheet HTML 8Page - Texas Instruments SN65555FN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SLDS031A
– APRIL 1985 – REVISED APRIL 1993
4
–7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
VIL
50%
VIL
VIH
VIH
tw(CLK)
CLOCK
DATA IN
50%
tw(CLK)
th
tsu
Valid
Figure 2. Input Timing Voltage Waveforms
tPHL
SERIAL OUT
SERIAL OUT
CLOCK
VOH
VOL
VOL
VOH
50%
50%
50%
VIL
VIH
tPLH
Figure 3. Voltage Waveforms for Propagation Delay Time, CLOCK to SERIAL OUT
Q Output
VCC2
ENABLE
OUTPUT
VOL
VOH
80 V
50%
10%
10%
0 V
th
50%
tsu
td
Valid
10%
VIL
VIH
Figure 4. Voltage Waveforms for Delay Times, VCC2 to Q Outputs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com