Electronic Components Datasheet Search
  English  ▼

X  

SH8MA4 Datasheet(PDF) 1 Page - Rohm

Part # SH8MA4
Description  30V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8MA4 Datasheet(HTML) 1 Page - Rohm

  SH8MA4 Datasheet HTML 1Page - Rohm SH8MA4 Datasheet HTML 2Page - Rohm SH8MA4 Datasheet HTML 3Page - Rohm SH8MA4 Datasheet HTML 4Page - Rohm SH8MA4 Datasheet HTML 5Page - Rohm SH8MA4 Datasheet HTML 6Page - Rohm SH8MA4 Datasheet HTML 7Page - Rohm SH8MA4 Datasheet HTML 8Page - Rohm SH8MA4 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SH8MA4
  30V Nch+Pch Power MOSFET
  
Datasheet
l
lOutline
Symbol
Tr1:Nch Tr2:Pch
 
VDSS
30V
-30V
RDS(on)(Max.)
21.4mΩ 29.6mΩ
SOP8
ID
±9.0A
±8.5A
 
PD
3.0W
 
           
l
lFeatures
l
lInner circuit
1) Low on - resistance
2) Small Surface Mount Package (SOP8)
3) Pb-free lead plating ; RoHS compliant
4) Halogen Free
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
330
Switching
Tape width (mm)
12
Quantity (pcs)
2500
Taping code
TB1
Marking
SH8MA4
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Tr1:Nch Tr2:Pch
Drain - Source voltage
VDSS
30
-30
V
Continuous drain current
ID*1
±9.0
±8.5
A
Pulsed drain current
IDP*2
±18
±18
A
Gate - Source voltage
VGSS
±20
±20
V
Avalanche current, single pulse
IAS*3
9.0
-8.5
A
Avalanche energy, single pulse
EAS*3
5.7
10.5
mJ
Power dissipation (total)
 
PD*1
3.0
W
PD*4
2.0
PD*5
1.4
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
                                                                                         
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
1/19
20190527 - Rev.002
 
   
 


Similar Part No. - SH8MA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH8M08GAETCEBAA01 ETC2-SH8M08GAETCEBAA01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
SH8M08GAETCEBAAI01 ETC2-SH8M08GAETCEBAAI01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
SH8M08GAETCEBAE01 ETC2-SH8M08GAETCEBAE01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
SH8M08GBATCEBAI01 ETC2-SH8M08GBATCEBAI01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
More results

Similar Description - SH8MA4

ManufacturerPart #DatasheetDescription
logo
Rohm
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
UT6MA2 ROHM-UT6MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
-30V Pch Pch Power MOSFET
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
30V NchPch Power MOSFET
SH8M8 ROHM-SH8M8 Datasheet
4Mb / 22P
30V NchPch Power MOSFET
QH8MA2 ROHM-QH8MA2 Datasheet
4Mb / 20P
30V NchPch Power MOSFET
SP8M5FRA ROHM-SP8M5FRA Datasheet
4Mb / 22P
30V NchPch Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
HS8MA2 ROHM-HS8MA2 Datasheet
3Mb / 20P
30V PchNch Power MOSFET
20191011 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com