Electronic Components Datasheet Search
  English  ▼

X  

SH8MA4 Datasheet(PDF) 4 Page - Rohm

Part # SH8MA4
Description  30V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8MA4 Datasheet(HTML) 4 Page - Rohm

  SH8MA4 Datasheet HTML 1Page - Rohm SH8MA4 Datasheet HTML 2Page - Rohm SH8MA4 Datasheet HTML 3Page - Rohm SH8MA4 Datasheet HTML 4Page - Rohm SH8MA4 Datasheet HTML 5Page - Rohm SH8MA4 Datasheet HTML 6Page - Rohm SH8MA4 Datasheet HTML 7Page - Rohm SH8MA4 Datasheet HTML 8Page - Rohm SH8MA4 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SH8MA4
          
               
Datasheet
l
lGate charge characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD ⋍ 15V
ID = 9A
VGS = 10V
-
15.5
-
nC
VGS = 4.5V
-
7.9
-
Gate - Source charge
Qgs*5
-
3.1
-
Gate - Drain charge
Qgd*5
-
2.8
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*6
VDD ⋍ -15V
ID = -8.5A
VGS = -10V
-
19.6
-
nC
VGS = -4.5V
-
9.8
-
Gate - Source charge
Qgs*6
-
3.0
-
Gate - Drain charge
Qgd*6
-
3.7
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25℃
-
-
1.67
A
Pulse forward current
ISP*2
-
-
18
Forward voltage
VSD*6
VGS = 0V, IS = 1.67A
-
-
1.2
V
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25℃
-
-
-1.67
A
Pulse forward current
ISP*2
-
-
-18
Forward voltage
VSD*6
VGS = 0V, IS = -1.67A
-
-
-1.2
V
                                                 
 
                                           
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
4/19
20190527 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com