Electronic Components Datasheet Search
  English  ▼

X  

SH8MA4 Datasheet(PDF) 3 Page - Rohm

Part # SH8MA4
Description  30V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8MA4 Datasheet(HTML) 3 Page - Rohm

  SH8MA4 Datasheet HTML 1Page - Rohm SH8MA4 Datasheet HTML 2Page - Rohm SH8MA4 Datasheet HTML 3Page - Rohm SH8MA4 Datasheet HTML 4Page - Rohm SH8MA4 Datasheet HTML 5Page - Rohm SH8MA4 Datasheet HTML 6Page - Rohm SH8MA4 Datasheet HTML 7Page - Rohm SH8MA4 Datasheet HTML 8Page - Rohm SH8MA4 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SH8MA4
          
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
640
-
pF
Output capacitance
Coss
VDS = 15V
-
110
-
Reverse transfer capacitance
Crss
f = 1MHz
-
90
-
Turn - on delay time
td(on)*6
VDD ⋍ 15V, VGS = 10V
-
8
-
ns
Rise time
tr*6
ID = 4.5A
-
19
-
Turn - off delay time
td(off)*6
RL = 3.3Ω
-
33
-
Fall time
tf*6
RG = 10Ω
-
7
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
890
-
pF
Output capacitance
Coss
VDS = -15V
-
160
-
Reverse transfer capacitance
Crss
f = 1MHz
-
125
-
Turn - on delay time
td(on)*6
VDD ⋍ -15V, VGS = -10V
-
10
-
ns
Rise time
tr*6
ID = -4.25A
-
16
-
Turn - off delay time
td(off)*6
RL = 3.5Ω
-
55
-
Fall time
tf*6
RG = 10Ω
-
22
-
                                                 
 
                                           
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
3/19
20190527 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com