Electronic Components Datasheet Search
  English  ▼

X  

STFU10NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFU10NK60Z
Description  N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU10NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STFU10NK60Z Datasheet HTML 1Page - STMicroelectronics STFU10NK60Z Datasheet HTML 2Page - STMicroelectronics STFU10NK60Z Datasheet HTML 3Page - STMicroelectronics STFU10NK60Z Datasheet HTML 4Page - STMicroelectronics STFU10NK60Z Datasheet HTML 5Page - STMicroelectronics STFU10NK60Z Datasheet HTML 6Page - STMicroelectronics STFU10NK60Z Datasheet HTML 7Page - STMicroelectronics STFU10NK60Z Datasheet HTML 8Page - STMicroelectronics STFU10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2016
DocID028779 Rev 3
1/13
This is information on a product in full production.
www.st.com
STFU10NK60Z
N-
channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™
Power MOSFET in a TO-220FP ultra narrow leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
Ptot
STFU10NK60Z
600 V
0.75 Ω
10 A
35 W
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Zener-protected
Applications
Switching applications
Description
This high voltage device is a Zener-protected
N-channel Power MOSFET developed using the
SuperMESH™ technology by
STMicroelectronics, an optimization of the
well-
established PowerMESH™. In addition to a
significant reduction in on-resistance, this device
is designed to ensure a high level of dv/dt
capability for the most demanding applications.
Table 1: Device summary
Order code
Marking
Package
Packaging
STFU10NK60Z
10NK60Z
TO-220FP ultra narrow leads
Tube
TO-220FP
ultra narrow leads
1
2
3


Similar Part No. - STFU10NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
More results

Similar Description - STFU10NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
08-Sep-2015
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STFU26N60M2 STMICROELECTRONICS-STFU26N60M2 Datasheet
704Kb / 12P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFET in TO-220FP ultra narrow leads package
27-Jul-2017
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STFU260N4F7 STMICROELECTRONICS-STFU260N4F7 Datasheet
466Kb / 10P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP ultra narrow leads package
11-Nov-2015
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com