Electronic Components Datasheet Search
  English  ▼

X  

STFU10NK60Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFU10NK60Z
Description  N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU10NK60Z Datasheet(HTML) 4 Page - STMicroelectronics

  STFU10NK60Z Datasheet HTML 1Page - STMicroelectronics STFU10NK60Z Datasheet HTML 2Page - STMicroelectronics STFU10NK60Z Datasheet HTML 3Page - STMicroelectronics STFU10NK60Z Datasheet HTML 4Page - STMicroelectronics STFU10NK60Z Datasheet HTML 5Page - STMicroelectronics STFU10NK60Z Datasheet HTML 6Page - STMicroelectronics STFU10NK60Z Datasheet HTML 7Page - STMicroelectronics STFU10NK60Z Datasheet HTML 8Page - STMicroelectronics STFU10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STFU10NK60Z
4/13
DocID028779 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID =
250 μA
600
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 600 V
1
µA
VGS = 0 V, VDS = 600 V,
TC = 125 °C(1)
50
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = +20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
3.75
4.5
V
RDS(on)
Static drain-source
on- resistance
VGS = 10 V, ID = 4.5 A
0.68
0.75
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 25 V,
f = 1 MHz
-
1370
-
pF
Coss
Output capacitance
-
156
-
pF
Crss
Reverse transfer capacitance
-
37
-
pF
Coss eq(1)
Equivalent output capacitance
VGS= 0 V, VDS= 0 to 480 V
-
93
-
pF
Qg
Total gate charge
VDD = 480 V, ID = 8 A,
VGS = 10 V
(see Figure 13: "Test circuit
for gate charge behavior")
-
48
-
nC
Qgs
Gate-source charge
-
8
-
nC
Qgd
Gate-drain charge
-
25
-
nC
Notes:
(1)Coss eq is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80%
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 4 A,
RG = 4.7
Ω, VGS = 10 V
(see Figure 12: "Test circuit
for resistive load switching
times" and Figure 17:
"Switching time waveform")
-
20
-
ns
tr
Rise time
-
20
-
ns
td(off)
Turn-off delay time
-
55
-
ns
tf
Fall time
-
30
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com