Electronic Components Datasheet Search
  English  ▼

X  

STFU10NK60Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFU10NK60Z
Description  N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU10NK60Z Datasheet(HTML) 3 Page - STMicroelectronics

  STFU10NK60Z Datasheet HTML 1Page - STMicroelectronics STFU10NK60Z Datasheet HTML 2Page - STMicroelectronics STFU10NK60Z Datasheet HTML 3Page - STMicroelectronics STFU10NK60Z Datasheet HTML 4Page - STMicroelectronics STFU10NK60Z Datasheet HTML 5Page - STMicroelectronics STFU10NK60Z Datasheet HTML 6Page - STMicroelectronics STFU10NK60Z Datasheet HTML 7Page - STMicroelectronics STFU10NK60Z Datasheet HTML 8Page - STMicroelectronics STFU10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STFU10NK60Z
Electrical ratings
DocID028779 Rev 3
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
±30
V
ID(1)
Drain current (continuous) at TC= 25 °C
10
A
ID(1)
Drain current (continuous) at TC = 100 °C
5.7
A
IDM(2)
Drain current (pulsed)
36
A
PTOT
Total dissipation at TC = 25 °C
35
W
ESD
Gate-
source, human body model (R = 1.5 kΩ, C = 100 pF)
4
kV
dv/dt(3)
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all three leads to external
heat sink (t = 1s; TC= 25 °C)
2500
V
Tj
Operation junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
Notes:
(1)Limited by package
(2)Pulse width limited by safe operating area
(3)ISD < 10 A , di/dt < 200 A/μs , VDD = 80 % V(BR)DSS
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
3.6
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or non-repetitive
(pulse width limited by TJ max)
10
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
300
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com