Electronic Components Datasheet Search
  English  ▼

X  

24666100 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # 24666100
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button 24666100 Datasheet HTML 42Page - Toshiba Semiconductor 24666100 Datasheet HTML 43Page - Toshiba Semiconductor 24666100 Datasheet HTML 44Page - Toshiba Semiconductor 24666100 Datasheet HTML 45Page - Toshiba Semiconductor 24666100 Datasheet HTML 46Page - Toshiba Semiconductor 24666100 Datasheet HTML 47Page - Toshiba Semiconductor 24666100 Datasheet HTML 48Page - Toshiba Semiconductor 24666100 Datasheet HTML 49Page - Toshiba Semiconductor 24666100 Datasheet HTML 50Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
– 53 –
SPECIFICATIONS (Representative: 50A60)
TELEVISION SYSTEM
NTSC standard
CHANNEL COVERAGE
VHF: 2 through 13
UHF: 14 through 69
Cable TV: Mid band (A-8 through A-1, A through I)
Super band (J through W)
Hyper band (AA through ZZ, AAA, BBB)
Ultra band (65 through 94, 100 through 125)
POWER SOURCE
120 V AC, 60 Hz
POWER CONSUMPTION
137W
AUDIO POWER
14 W + 14 W
SPEAKER TYPE
Two 6-1/4 inches (16 cm) round
VIDEO/AUDIO TERMINALS
S-VIDEO INPUT
Y-INPUT: 1V (p-p), 75 ohm, negative sync.
C-INPUT: 0.286 V(p-p) (burst signal), 75 ohm
VIDEO/AUDIO INPUT
VIDEO: 1 V(p-p), 75 ohm, negative sync.
AUDIO: 150 mV(rms) (30% modulation equivalent, 47 kohm)
ColorStreamTM (Color Difference) VIDEO, AUDIO INPUT
Y-INPUT: 1 V(p-p), 75 ohm
Cr-INPUT: 0.7 V(p-p), 75 ohm
Cb-INPUT: 0.7 V(p-p), 75 ohm
AUDIO: 150mV(rms). 47 kohm
VIDEO/AUDIO OUTPUT
VIDEO: 1 V(p-p), 75 ohm, negative sync.
AUDIO: 150 mV(rms) (30% modulation equivalent, 4.7 kohm)
VARIABLE AUDIO OUTPUT
0-300 mV(rms) (30% modulation equivalent, 4.7 kohm)
AUDIO CENTER CHANNEL INPUT
300 mV(rms) (30% modulation equivalent, 10 kohm)
DIMENSIONS/MASS
Dimension (W/H/D)
Mass
50A60
42-1/4 x 50-5/8 x 20-13/16 inches
217 lbs
(1,073 x 1,284 x 529 mm)
(98.6 kg)
SUPPLIED ACCESSORIES
Remote Control with 2 size “AA” alkaline batteries
*Please refer to owner's manual in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com