Electronic Components Datasheet Search
  English  ▼

X  

24666100 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # 24666100
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button 24666100 Datasheet HTML 23Page - Toshiba Semiconductor 24666100 Datasheet HTML 24Page - Toshiba Semiconductor 24666100 Datasheet HTML 25Page - Toshiba Semiconductor 24666100 Datasheet HTML 26Page - Toshiba Semiconductor 24666100 Datasheet HTML 27Page - Toshiba Semiconductor 24666100 Datasheet HTML 28Page - Toshiba Semiconductor 24666100 Datasheet HTML 29Page - Toshiba Semiconductor 24666100 Datasheet HTML 30Page - Toshiba Semiconductor 24666100 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
– 29 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
CV64
24206100
EL, 10?F,
±20%, 50V
CV65
24591122
PF, 1200pF
CV66
24436561
CD, 560pF
CV67
24591102
PF, 1000pF
CV68
24206010
EL, 1?F,
±20%, 50V
CW04
24591822
PF, 8200pF
CW05
24212103
CD, 0.01?F,
±10%
CW07
24666470
EL, 47?F,
±20%, 16V
CW08
24794101
EL, 100?F,
±20%, 16V
CW09
24815103
Chip, 0.01?F,
±10%
CW12
24666470
EL, 47?F,
±20%, 16V
CW13
24709100
EL, 10?F,
±20%, 200V
CW14
24436101
CD, 100pF
CW15
24214472
CD, 4700pF,
±10%, 500V
CW16
24436101
CD, 100pF
CW17
24214472
CD, 4700pF,
±10%, 500V
CW18
24666470
EL, 47?F,
±20%, 16V
CW19
24435560
CD, 56pF, 500V
CW20
24709100
EL, 10?F,
±20%, 200V
CW21
24666470
EL, 47?F,
±20%, 16V
CW22
24436561
CD, 560pF
CW26
24212102
CD, 1000pF,
±10%
CW52
24203100
EL, 10?F,
±20%, 16V
CW53
24203100
EL, 10?F,
±20%, 16V
CW54
24203100
EL, 10?F,
±20%, 16V
CW58
24794101
EL, 100?F,
±20%, 16V
CW59
24232103
CD, 0.01?F, +80%, -20%
CY01
24665471
EL, 470?F,
±20%, 10V
CY40
24206100
EL, 10?F,
±20%, 50V
CZ03
24092442
Chip, 0.47?F,
+80%, -20%, 16V
CZ05
24814103
Chip, 0.01?F, +80%, -20%
CZ07
24092178
Chip, 0.1?F,
±10%, 25V
CZ09
24781220
Chip, 22pF, SL
CZ10
24781100
Chip, 10pF,
±0.5pF%, SL
CZ11
24781220
Chip, 22pF, SL
CZ12
24814103
Chip, 0.01?F, +80%, -20%
CZ13
24814103
Chip, 0.01?F, +80%, -20%
CZ14
24203100
EL, 10?F,
±20%, 16V
CZ17
24814103
Chip, 0.01?F, +80%, -20%
CZ19
24781181
Chip, 180pF, SL
CZ20
24814103
Chip, 0.01?F, +80%, -20%
CZ21
24781122
Chip, 1200pF, SL
CZ22
24203100
EL, 10?F,
±20%, 16V
CZ23
24814103
Chip, 0.01?F, +80%, -20%
CZ24
24814103
Chip, 0.01?F, +80%, -20%
CZ25
24203100
EL, 10?F,
±20%, 16V
CZ26
24814103
Chip, 0.01?F, +80%, -20%
CZ28
24814103
Chip, 0.01?F, +80%, -20%
CZ29
24814103
Chip, 0.01?F, +80%, -20%
CZ30
24203100
EL, 10?F,
±20%, 16V
CZ31
24092178
Chip, 0.1?F,
±10%, 25V
CZ32
24781150
Chip, 15pF, SL
CZ33
24781390
Chip, 39pF, SL
CZ34
24781150
Chip, 15pF, SL
CZ35
24781390
Chip, 39pF, SL
CZ37
24203100
EL, 10?F,
±20%, 16V
CZ38
24203100
EL, 10?F,
±20%, 16V
CZ41
24781470
Chip, 47pF, SL
CZ42
24781470
Chip, 47pF, SL
CZ45
24781100
Chip, 10pF,
±0.5pF%, SL
RESISTORS
RESISTORS
RESISTORS
RESISTORS
RESISTORS
R101
24383223
OMF, 22k ohm, 2W
R150
24872101
Chip, 100 ohm, 1/16W
(50A60/55A60/61A60)
R151
24872562
Chip, 5600 ohm, 1/16W
(50A60/55A60/61A60)
R152
24872103
Chip, 10k ohm, 1/16W
(50A60/55A60/61A60)
R201
24872821
Chip, 820 ohm, 1/16W
R202
24872102
Chip, 1k ohm, 1/16W
R204
24872104
Chip, 100k ohm, 1/16W
R205
24872101
Chip, 100 ohm, 1/16W
(50A60/55A60/61A60)
R206
24872102
Chip, 1k ohm, 1/16W
(50A60/55A60/61A60)
R207
24872101
Chip, 100 ohm, 1/16W
R208
24872101
Chip, 100 ohm, 1/16W
R209
24872101
Chip, 100 ohm, 1/16W
R212
24872472
Chip, 4700 ohm, 1/16W
R213
24872122
Chip, 1200 ohm, 1/16W
R214
24872222
Chip, 2200 ohm, 1/16W
R216
24872103
Chip, 10k ohm, 1/16W
R223
24872102
Chip, 1k ohm, 1/16W
R241
24367103
CF, 10k ohm,
±2%
R242
24367103
CF, 10k ohm,
±2%
R243
24381563
OMF, 56k ohm, 1/2W
R266
24872102
Chip, 1k ohm, 1/16W
R267
24872821
Chip, 820 ohm, 1/16W
R268
24872102
Chip, 1k ohm, 1/16W
R269
24872102
Chip, 1k ohm, 1/16W
R270
24872682
Chip, 6800 ohm, 1/16W
R301
24872103
Chip, 10k ohm, 1/16W
R302
24872101
Chip, 100 ohm, 1/16W
R303
24872102
Chip, 1k ohm, 1/16W
R304
24872103
Chip, 10k ohm, 1/16W
R305
24872153
Chip, 15k ohm, 1/16W
R307
24872471
Chip, 470 ohm, 1/16W
R308
24872471
Chip, 470 ohm, 1/16W
R310
24872562
Chip, 5600 ohm, 1/16W
R311
24872103
Chip, 10k ohm, 1/16W
R312
24872103
Chip, 10k ohm, 1/16W
R313
24872102
Chip, 1k ohm, 1/16W
R314
24872473
Chip, 47k ohm, 1/16W
R315
24872821
Chip, 820 ohm, 1/16W
R316
24872102
Chip, 1k ohm, 1/16W
R317
24872824
Chip, 820k ohm, 1/16W
R318
24872153
Chip, 15k ohm, 1/16W
R319
24872100
Chip, 10 ohm, 1/16W
R320
24000249
MF, 47k ohm, 1/4W
R321
24872332
Chip, 3300 ohm, 1/16W
R322
24000529
MF, 6800 ohm,
1/4W
R323
24000639
MF, 22k ohm, 1/4W
R324
24872103
Chip, 10k ohm, 1/16W
R325
24872222
Chip, 2200 ohm, 1/16W
R326
24872103
Chip, 10k ohm, 1/16W
R327
24872103
Chip, 10k ohm, 1/16W
R328
24872103
Chip, 10k ohm, 1/16W
R329
24872103
Chip, 10k ohm, 1/16W
R330
24872153
Chip, 15k ohm, 1/16W
R331
24019119
MF, 30k ohm, 1/6W
R332
24000525
MF, 4.7k ohm, 1/4W
R333
24872103
Chip, 10k ohm, 1/16W
R334
24872102
Chip, 1k ohm, 1/16W
R335
24872102
Chip, 1k ohm, 1/16W
R336
24872102
Chip, 1k ohm, 1/16W
R337
24321129
MF, 1.2 ohm, 1/2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com