Electronic Components Datasheet Search
  English  ▼

X  

24666100 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # 24666100
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button 24666100 Datasheet HTML 20Page - Toshiba Semiconductor 24666100 Datasheet HTML 21Page - Toshiba Semiconductor 24666100 Datasheet HTML 22Page - Toshiba Semiconductor 24666100 Datasheet HTML 23Page - Toshiba Semiconductor 24666100 Datasheet HTML 24Page - Toshiba Semiconductor 24666100 Datasheet HTML 25Page - Toshiba Semiconductor 24666100 Datasheet HTML 26Page - Toshiba Semiconductor 24666100 Datasheet HTML 27Page - Toshiba Semiconductor 24666100 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
– 26 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
C415
24092484
CD, 1500pF,
±10%, 2kV
(50A60/55A60/61A60)
C416
24828333
PF, 0.033?F, 200V
C417
24679229
EL, 2.2?F,
±20%, 250V
C418
24679330
EL, 33?F,
±20%, 250V
C419
24669479
EL, 4.7?F,
±20%, 50V
C423
24640908
EL, 33?F,
±20%, 160V
C426
24211222
CD, 2200pF,
±10%, 2kV
(50A60/55A60/61A60)
C427
24828473
PF, 0.047?F, 200V
C429
24591102
PF, 1000pF
C430
24567103
PF, 0.01?F
C431
24567103
PF, 0.01?F
C432
24567683
PF, 0.068?F
C433
24666100
EL, 10?F,
±20%, 16V
C434
24679479
EL, 4.7?F,
±20%, 250V
C435
24820222
PF, 0.0022?F, 630V
* C447
24082944
PF, 3900pF,
±3%, 1500V
* C448
24820123
PF, 0.012?F,
±10%, 630V
C450
24815103
Chip, 0.01?F,
±10%
C451
24815222
Chip, 0.0022?F,
±10%
C452
24666101
EL, 100?F,
±20%, 16V
C481
24666101
EL, 100?F,
±20%, 16V
C482
24567223
PF, 0.022?F
C484
24501102
PF, 0.001?F
C485
24567104
PF, 0.1?F
C497
24567474
PF, 0.47?F
C498
24669479
EL, 4.7?F,
±20%, 50V
C501
24815103
Chip, 0.01?F,
±10%
C502
24815103
Chip, 0.01?F,
±10%
C503
24665101
EL, 100?F,
±20%, 10V
C504
24815222
Chip, 0.0022?F,
±10%
C505
24774120
Chip, 12pF, CH
C508
24666100
EL, 10?F,
±20%, 16V
C509
24666101
EL, 100?F,
±20%, 16V
C510
24666101
EL, 100?F,
±20%, 16V
C511
24815103
Chip, 0.01?F,
±10%
C512
24206228
EL, 0.22?F,
±20%, 50V
C513
24815103
Chip, 0.01?F,
±10%
C514
24092178
Chip, 0.1?F,
±10%, 25V
C515
24092178
Chip, 0.1?F,
±10%, 25V
C517
24774010
Chip, 1pF,
±0.25pF, CH
C520
24666101
EL, 100?F,
±20%, 16V
C531
24666101
EL, 100?F,
±20%, 16V
C532
24666100
EL, 10?F,
±20%, 16V
C601
24815102
Chip, 0.001?F,
±10%
C602
24815102
Chip, 0.001?F,
±10%
C603
24669100
EL, 10?F,
±20%, 50V
C604
24669100
EL, 10?F,
±20%, 50V
C605
24667101
EL, 100?F,
±20%, 25V
C606
24667101
EL, 100?F,
±20%, 25V
C607
24567104
PF, 0.1?F
C608
24567104
PF, 0.1?F
C609
24669102
EL, 1000?F,
±20%, 50V
C610
24669102
EL, 1000?F,
±20%, 50V
C611
24667221
EL, 220?F,
±20%, 25V
C612
24666470
EL, 47?F,
±20%, 16V
C621
24206479
EL, 4.7?F,
±20%, 50V
C622
24206108
EL, 0.1?F,
±20%, 50V
C623
24814472
Chip, 0.01?F, +80%, -20%
C624
24206479
EL, 4.7?F,
±20%, 50V
C625
24206479
EL, 4.7?F,
±20%, 50V
C626
24206479
EL, 4.7?F,
±20%, 50V
C627
24206479
EL, 4.7?F,
±20%, 50V
C628
24206100
EL, 10?F,
±20%, 50V
C629
24206100
EL, 10?F,
±20%, 50V
C630
24206108
EL, 0.1?F,
±20%, 50V
C631
24814472
Chip, 0.01?F, +80%, -20%
C632
24203470
EL, 47?F,
±20%, 16V
C633
24092178
Chip, 0.1?F,
±10%, 25V
C634
24206108
EL, 0.1?F,
±20%, 50V
C635
24206479
EL, 4.7?F,
±20%, 50V
C636
24206479
EL, 4.7?F,
±20%, 50V
C637
24206100
EL, 10?F,
±20%, 50V
C638
24794101
EL, 100?F,
±20%, 16V
C639
24815103
Chip, 0.01?F,
±10%
C640
24815273
Chip, 0.027?F,
±10%
C641
24815822
Chip, 0.0082?F,
±10%
C642
24206100
EL, 10?F,
±20%, 50V
C643
24206479
EL, 4.7?F,
±20%, 50V
C644
24206339
EL, 3.3?F,
±20%, 50V
C645
24815333
Chip, 0.033?F,
±10%
C646
24815223
Chip, 0.022?F,
±10%
C647
24815473
Chip, 0.047?F,
±10%
C648
24815333
Chip, 0.033?F,
±10%
C649
24815273
Chip, 0.027?F,
±10%
C650
24815822
Chip, 0.0082?F,
±10%
C651
24815103
Chip, 0.01?F,
±10%
C652
24815103
Chip, 0.01?F,
±10%
C653
24814103
Chip, 0.01?F, +80%, -20%
C654
24763101
EL, 100?F,
±20%, 16V
C661
24206010
EL, 1?F,
±20%, 50V
C662
24206010
EL, 1?F,
±20%, 50V
C663
24206010
EL, 1?F,
±20%, 50V
C664
24669479
EL, 4.7?F,
±20%, 50V
C665
24815103
Chip, 0.01?F,
±10%
C666
24206010
EL, 1?F,
±20%, 50V
C667
24747478
EL, 0.47?F,
±20%, 50V
C680
24669471
EL, 470?F,
±20%, 50V
C681
24666100
EL, 10?F,
±20%, 16V
C682
24092178
Chip, 0.1?F,
±10%, 25V
C690
24815103
Chip, 0.01?F,
±10%
C701
24781330
Chip, 33pF, SL
C702
24781330
Chip, 33pF, SL
C703
24781330
Chip, 33pF, SL
C704
24781330
Chip, 33pF, SL
C706
24092293
Chip, 0.1?F, +80%, -20%, 25V
C708
24092293
Chip, 0.1?F, +80%, -20%, 25V
C710
24092293
Chip, 0.1?F, +80%, -20%, 25V
C711
24203100
EL, 10?F,
±20%, 16V
C712
24781330
Chip, 33pF, SL
C713
24781330
Chip, 33pF, SL
C714
24092293
Chip, 0.1?F, +80%, -20%, 25V
C717
24774470
Chip, 47pF, CH
C718
24774470
Chip, 47pF, CH
C719
24794101
EL, 100?F,
±20%, 16V
C720
24092293
Chip, 0.1?F, +80%, -20%, 25V
C721
24774070
Chip, 7pF,
±0.25pF, CH
C724
24092293
Chip, 0.1?F, +80%, -20%, 25V
C725
24092293
Chip, 0.1?F, +80%, -20%, 25V
C726
24092293
Chip, 0.1?F, +80%, -20%, 25V
C727
24092293
Chip, 0.1?F, +80%, -20%, 25V
C728
24100104
Chip, 0.1?F, +80%, -20%, 25V
C730
24092293
Chip, 0.1?F, +80%, -20%, 25V
C731
24092293
Chip, 0.1?F, +80%, -20%, 25V
C732
24815103
Chip, 0.01?F,
±10%
C735
24092178
Chip, 0.1?F,
±10%, 25V
C736
24100104
Chip, 0.1?F, +80%, -20%, 25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com