Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83C795 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 83C795 Datasheet HTML 17Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 18Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 19Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 20Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 21Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 22Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 23Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 24Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Mnemonic
Pin Number I/O
Description
R LE D
130
I/O
R E CV LE D DR IVE R . When on, R LE D drives low to turn on an
external LE D. If no data is received, R LE D is off. If data is
received, R LE D goes active for approximately 50ms longer than
the received packet length. T his pin als o s erves as the E E R OM
data in pin (E E DI) and is used as the s can data input (formerly
SCANIN) in s can mode.
R OMCS
138
O
BIOS R OM OUT PUT E NABLE . Active low. Chip S elect for R OM
BIOS . Us ed for XT XE in s ome test modes .
RX+
RX-
124
123
I
AUI R E CE IVE . T he Manches ter encoded data from the external
trans ceiver is received on R X+ / R X-.
S A19 - 14
S A13 - 11
S A10 - 09
S A08 - 06
S A05 - 00
88 - 83
78 - 76
44 - 43
38 - 37
35 - 30
I/O
PC ADDR E SS BUS. Normal timing vers ion of s ystem addres s
lines. T hes e s ignals are active high.
SBHE
20
I
PC BUS HIGH E NABLE . Active low. Indicates a trans fer of data on
the upper byte of the data bus, S D8 through S D15.
S D15 - 14
S D13 - 12
SD11 - 10
S D09 - 08
SD07
S D06 - 04
S D03 - 02
S D01 - 00
45 - 46
48 - 49
51 - 52
54 - 55
69
65 - 63
61 - 60
58 - 57
I/O
SYST E M DAT A BUS. Data input and output to hos t and shared
memory. T hes e signals are active high.
SME MR
74
I/O
LOW ME MORY RE AD S T ROBE . Reads buffer memory onto the
PC data bus . It is active only when the memory addres s is within
the first 1Mb of memory space. Active low.
SME MW
75
I/O
LOW ME MOR Y WR IT E S T R OBE . Writes buffer memory from the
PC data bus . S ME MW is active only when the memory address is
within the firs t 1Mb of memory s pace. Active low.
TE S T A
TE S T B
117
118
I
I/O-MAPPING CONTROL PINS. All signal pins on the 83C795
(except for the analog pins) have been divided into two groups,
GROUPA and GROUPB. The functionality of these pins is
controlled by the two test pins, as follows:
TESTA
TESTB
GROUPA
GROUPB
1
1
NORMAL
NORMAL
1
0
1
0
0
1
0
1
0
0
TRISTATE
TRISTATE
TABLE 4-1. 83C795 PIN ASSIGNMENTS (CONT.)
83C795
PIN LIST
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com