Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83C795 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 83C795 Datasheet HTML 35Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 36Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 37Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 38Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 39Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 40Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 41Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 42Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
BIT
CURRL
RESET
7
A07
X
6
A06
X
5
A05
X
4
A04
X
3
A03
X
2
A02
X
1
A01
X
0
A00
X
5.2.9
DCON - Data Configuration Register
Linked-List MapR eadPort = 2:1E Linked-Lis t Map
Write Port = 0:1E
T his regis ter always returns 41h. In the83C790 this
regis ter controlledDMAburs t lengths ; however, the
83C795 is hardwired for 8-byte burs ts . R efer to
page 65 for more information.
5.2.10 ENH - Enhancement Register
Normal Map R ead/Write Port = 2:17
Linked-List Map R ead/Write Port = 2:17
T his regis ter enables enhancement features .
BIT
ENH
RESET
7—
0
6—
1
5
ALTEGO
0
4
SLOT1
0
3
SLOT0
0
2
EOTINT
0
1—
0
0
SBACK
0
Bits 7-6: Unused
Bit 5: ALTEGO, Buffering Format Selection
ALTEGO = 0 -
Des ignates ring buffering and s ingle frame trans -
miss ion format. T his is es sentially 8390/83C690
compatibility mode.
ALTEGO = 1 -
Des ignates linked-lis t receive buffering and multi-
ple frame trans mis s ion format. T he regis ter ad-
dres s map is s elected with this bit, exposing the
regis ters as sociated with the s elected buffering
mode.
Bits 4-3: SLOT1-0, Slot Time Selection
T his two-bit field s elects the s lot time according to
Table 5-10.
SLOT1
SLOT0
Slot Time
0
X
512 bit times (Ethernet)
1
0
256 bit times
1
1
1024 bit times
TABLE 5-9. SLOT TIME SELECTION FIELD
Bit 2: EOTINT, Interrupt on End-of-Transmit
EOTINT = 1 -
Interrupt on E nd-of-T rans mit chain ins tead of each
trans mittedframe. T his bit is ignoredif not operating
in multiple frame transmis sion mode.
EOTINT = 0 -
Interrupt on each trans mitted frame.
Bit 0: SBACK, Enable Stop Backup Modifications
SBACK = 1 -
E nable the S top Backoff modifications to the back-
off timer.
SBACK = 0 -
Normal backoff.
5.2.11 ERWCNT - Early Receive Warning
Threshold Register
Normal Map R ead/Write Port = 0:18
Linked-List Map R ead/Write Port = 0:18
T his register contains the R eceived Byte Count
thres hold at which the E arly R eceive Warning
interrupt is generated. T he E R W interrupt is
generated when R BC
≥ E RW. Bits 3-0 of RBC are
ignored. F or more information on this register, refer
to page 71.
83C795
ETHERNET SYSTEM CONTROLLER REGISTERS
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com