Electronic Components Datasheet Search
  English  ▼

X  

83C795 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83C795 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 83C795 Datasheet HTML 41Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 42Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 43Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 44Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 45Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 46Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 47Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 48Page - List of Unclassifed Manufacturers 83C795 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
Bit 3: GROUP, Receive Multicast Frames
When GR OUP = 1, this bit enables reception of all
frames that:
• have multicast addresses
• pass the multicast address hashing filter
Bit 2: BROAD, Receive Broadcast Frames
When BR OAD = 1, this bit enables reception of all
frames having a Broadcas t (all ’1’s ) des tination
address .
Bit 1: RUNTS, Receive Runts Frames
When R UNT S = 1, this bit allows reception of
frames having les s than 64 bytes , provided that
they otherwis e meet the requirements of the 802.3
protocol.
Bit 0: SEP, Save Errored Packets
When S E P = 1, it directs the receive unit to s ave
packets having CR C or frame alignment errors in
the buffers .
5.2.24 RDOWNH - Buffer Room Remaining
High Register
Linked-List Map R ead/Write Port = 2:19
T his regis ter contains the upper 8 bits of a regis ter
pair us ed by the DMA controller as a scratch pad
for the buffer room remaining count during the
reception proces s .
Note
Writing to these registers while commu-
nication is taking place may cause er-
rors in the DMA process.
BIT
RDOWNH
RESET
7
A15
X
6
A14
X
5
A13
X
4
A12
X
3A11
X
2
A10
X
1
A09
X
0
A08
X
5.2.25 RDOWNL - Buffer Room Remaining
Low Register
Linked-List Map R ead/Write Port = 2:18
T his regis ter contains the lower 8 bits of a regis ter
pair us ed by the DMA controller as a scratch pad
for the buffer room remaining count during the
reception proces s .
Note
Writing to these registers while commu-
nication is taking place may cause er-
rors in the DMA process.
BIT
RDOWNL
RESET
7
A07
X
6
A06
X
5
A05
X
4
A04
X
3
A03
X
2
A02
X
1
A01
X
0
A00
X
5.2.26 REND - Receive Buffer End Register
Linked-List Map R ead Port = 2:12 Linked-Lis t Map
Write Port = 0:12
T his regis ter holds the upper 8 bits of the firs t
addres s beyond the end of the receive buffer
descriptor table. T he lower 8 bits are as s umed to
be zero. T he table lies between the numbers
(R BE GIN * 256) and (R E ND * 256 - 1). R efer to
page 88 for more details .
BIT
REND
RESET
7
RE15
X
6
RE14
X
5
RE13
X
4
RE12
X
3
RE11
X
2
RE10
X
1
RE9
X
0
RE8
X
83C795
ETHERNET SYSTEM CONTROLLER REGISTERS
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com