Electronic Components Datasheet Search
  English  ▼

X  

XP04286 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # XP04286
Description  Silicon NPN(PNP) epitaxial planer transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP04286 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  XP04286 Datasheet HTML 1Page - Panasonic Semiconductor XP04286 Datasheet HTML 2Page - Panasonic Semiconductor XP04286 Datasheet HTML 3Page - Panasonic Semiconductor XP04286 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Composite Transistors
XP04286
Characteristics charts of Tr2
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
0
0
–12
– 2
–10
–4
–8
–6
– 240
– 200
–160
–120
–80
–40
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.0mA
–0.4mA
–0.3mA
–0.6mA
– 0.9mA
– 0.8mA
– 0.7mA
–0.5mA
–0.2mA
–0.1mA
–0.01
–0.03
– 0.1 – 0.3
– 0.1
– 0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
40
80
120
160
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
–25˚C
0
–0.1 –0.3
6
5
4
3
2
1
–1
– 3
–10
– 30
–100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
–1
–3
–0.4
–10
–30
–100
–300
–1000
–3000
–10000
–1.4
–1.2
–1.0
–0.8
–0.6
Input voltage VIN (V)
VO=–5V
Ta=25˚C
–0.01
–0.03
–0.1 –0.3
– 0.1
– 0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com